Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4200 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KM4200
Description  Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4200 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KM4200 Datasheet HTML 1Page - Fairchild Semiconductor KM4200 Datasheet HTML 2Page - Fairchild Semiconductor KM4200 Datasheet HTML 3Page - Fairchild Semiconductor KM4200 Datasheet HTML 4Page - Fairchild Semiconductor KM4200 Datasheet HTML 5Page - Fairchild Semiconductor KM4200 Datasheet HTML 6Page - Fairchild Semiconductor KM4200 Datasheet HTML 7Page - Fairchild Semiconductor KM4200 Datasheet HTML 8Page - Fairchild Semiconductor KM4200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET
KM4200
2
REV. 1A February 2001
PARAMETERS
CONDITIONS
TYP
MIN & MAX
UNITS
NOTES
Case Temperature
+25°C
+25°C
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
215
MHz
1
G = +2, Vo = 0.2Vpp
85
MHz
full power bandwidth
G = +2, Vo = 2Vpp
36
MHz
gain bandwidth product
86
MHz
Time Domain Response
rise and fall time
0.2V step
3.7
ns
1
settling time to 0.1%
1V step
40
ns
overshoot
0.2V step,
9
%
slew rate
2.7V step
, G = -1
130
V/
µs
Distortion and Noise Response
2nd harmonic distortion
1Vpp, 5MHz
79
dBc
1
3rd harmonic distortion
1Vpp, 5MHz
82
dBc
1
THD
1Vpp, 5MHz
77
dB
1
input voltage noise
>1MHz
16
nV/
√Hz
input current noise
>1MHz
1.3
pA/
√Hz
crosstalk
10MHz
65
dB
1
DC Performance
input offset voltage
-1.6
±8
mV
2
average drift
10
µV/°C
input bias current
3
±8
µA2
average drift
7
nA/°C
input offset current
0.1
±1
µA2
power supply rejection ratio
DC
57
52
dB
2
open loop gain
75
65
dB
2
quiescent current per amplifier
3.9
5
mA
2
Input Characteristics
input resistance
4.3
M
input capacitance
1.8
pF
input common mode voltage range
-0.3 to 1.5
V
common mode rejection ratio
DC, Vcm = 0V to Vs - 1.5
87
72
dB
2
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
0.023 to 2.66
V
RL = 2kΩ to Vs/2
0.025 to 2.653
0.1 to 2.6
V
2
RL = 150Ω to Vs/2
0.065 to 2.55
0.3 to 2.325
V
2
linear output current
±55
mA
-40°C to +85°C
±50
mA
short circuit output current
±85
mA
power supply operating range
2.7
2.5 to 5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
NOTES:
1) Rf = 1kΩ was used used for optimal performance. (For G = +1, Rf = 0)
2) 100% tested at +25°C.
Absolute Maximum Ratings
Package Thermal Resistance
supply voltage
0 to +6V
Package
θ
JA
maximum junction temperature
+175°C
8 lead SOIC
152°C/W
storage temperature range
-65°C to +150°C
8 lead MSOP
206°C/W
lead temperature (10 sec)
+300°C
operating temperature range (recommended) -40°C to +85°C
input voltage range
+Vs +0.5V; -Vs -0.5V
internal power dissipation
see power derating curves
KM4200 Electrical Characteristics (Vs = +2.7V, G = 2, RL = 2kΩ to Vs/2; unless noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn