Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4200 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. KM4200
Description  Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4200 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KM4200 Datasheet HTML 3Page - Fairchild Semiconductor KM4200 Datasheet HTML 4Page - Fairchild Semiconductor KM4200 Datasheet HTML 5Page - Fairchild Semiconductor KM4200 Datasheet HTML 6Page - Fairchild Semiconductor KM4200 Datasheet HTML 7Page - Fairchild Semiconductor KM4200 Datasheet HTML 8Page - Fairchild Semiconductor KM4200 Datasheet HTML 9Page - Fairchild Semiconductor KM4200 Datasheet HTML 10Page - Fairchild Semiconductor KM4200 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
KM4200 Package Dimensions
H
E
CL
ZD
CL
e
D
Pin No. 1
B
A
A1
A2
L
DETAIL-A
DETAIL-A
C
h x 45¡
α
NOTE:
1. All dimensions are in millimeters.
2. Lead coplanarity should be 0 to 0.10mm (.004") max.
3. Package surface finishing:
(2.1) Top: matte (charmilles #18~30).
(2.2) All sides: matte (charmilles #18~30).
(2.3) Bottom: smooth or matte (charmilles #18~30).
4. All dimensions excluding mold flashes and end flash
from the package body shall not exceed o.152mm (.006)
per side(d).
SYMBOL
MIN
MAX
A1
0.10
0.25
B
0.36
0.46
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
e
1.27 BSC
H
5.80
6.20
h
0.25
0.50
L
0.41
1.27
A
1.52
1.72
0
ZD
0.53 ref
A2
1.37
1.57
8
SOIC-8
SOIC
eS
E/2 2X
E3
E4
12
ccc AB C
– B – 2
37
2
6
4
D2
A2
A
A1
– A –
bbb
AB C
M
b
D
4
3
aaa A
E1
– H –
t1
t2
Gauge
Plane
0.25mm
R1
R
L
L1
03
02
01
Detail A
Scale 40:1
Section A - A
b
cc1
b1
E2
E1
E
Detail A
5
A
A
SYMBOL
MIN
MAX
A
1.10
A1
0.10
±0.05
A2
0.86
±0.08
D
3.00
±0.10
D2
2.95
±0.10
E
4.90
±0.15
E1
3.00
±0.10
E2
2.95
±0.10
E3
0.51
±0.13
E4
0.51
±0.13
R
0.15
+0.15/-0.06
R1
0.15
+0.15/-0.06
t1
0.31
±0.08
t2
0.41
±0.08
b
0.33
+0.07/-0.08
b1
0.30
±0.05
c
0.18
±0.05
c1
0.15
+0.03/-0.02
01
3.0
°±3.0°
02
12.0
°±3.0°
03
12.0
°±3.0°
L
0.55
±0.15
L1
0.95 BSC
aaa
0.10
bbb
0.08
ccc
0.25
e
0.65 BSC
S
0.525 BSC
MSOP-8
NOTE:
1 All dimensions are in millimeters (angle in degrees), unless otherwise specified.
2
Datums – B – and – C – to be determined at datum plane – H – .
3
Dimensions "D" and "E1" are to be determined at datum – H – .
4
Dimensions "D2" and "E2" are for top package and dimensions "D" and "E1" are for bottom package.
5
Cross sections A – A to be determined at 0.13 to 0.25mm from the leadtip.
6
Dimension "D" and "D2" does not include mold flash, protrusion or gate burrs.
7
Dimension "E1" and "E2" does not include interlead flash or protrusion.
MSOP
DATA SHEET
KM4200
10
REV. 1A February 2001


Similar Part No. - KM4200

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4200

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Exar Corporation
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz