Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4200 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KM4200
Description  Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4200 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4200 Datasheet HTML 1Page - Fairchild Semiconductor KM4200 Datasheet HTML 2Page - Fairchild Semiconductor KM4200 Datasheet HTML 3Page - Fairchild Semiconductor KM4200 Datasheet HTML 4Page - Fairchild Semiconductor KM4200 Datasheet HTML 5Page - Fairchild Semiconductor KM4200 Datasheet HTML 6Page - Fairchild Semiconductor KM4200 Datasheet HTML 7Page - Fairchild Semiconductor KM4200 Datasheet HTML 8Page - Fairchild Semiconductor KM4200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
Features
s
260MHz bandwidth
s
Fully specified at +2.7V and +5V supplies
s
Output voltage range: 0.036V to 4.953V;
Vs = +5; RL = 2kΩ
s
Input voltage range: -0.3V to +3.8V; Vs = +5
s
145V/
µs slew rate
s
4.2mA supply current per amplifier
s
±55mA linear output current
s
±85mA short circuit current
s
Directly replaces AD8052 and AD8042 in single
supply applications
s
Small package options (SOIC and MSOP)
Applications
s
A/D driver
s
Active filters
s
CCD imaging systems
s
CD/DVD ROM
s
Coaxial cable drivers
s
High capacitive load driver
s
Portable/battery-powered applications
s
Twisted pair driver
s
Video driver
General Description
The KM4200 is a dual, low cost, voltage feedback
amplifier. This amplifier is designed to operate on
+2.7V, +5V, or ±2.5V supplies. The input voltage
range extends 300mV below the negative rail and
1.2V below the positive rail. The KM4100 (single) and
KM4101 (single with disable) are also available.
The KM4200 offers superior dynamic performance
with a 260MHz small signal bandwidth and 145V/
µs
slew rate. The combination of low power, high out-
put current drive, and rail-to-rail performance make
the KM4200 well suited for battery-powered com-
munication/computing systems.
The combination of low cost and high performance
make the KM4200 suitable for high volume applica-
tions in both consumer and industrial applications
such as wireless phones, scanners, and color copiers.
KM4200
Dual, Low Cost, +2.7V & +5V, 260MHz Rail-to-Rail Amplifier
www.fairchildsemi.com
REV. 1A February 2001
KM4200 Packages
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC
Output Swing
Time (0.5
µs/div)
2.7
0
Vs = +2.7V
RL = 2kΩ
G = -1


Similar Part No. - KM4200

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4200

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Exar Corporation
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz