Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4200 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. KM4200
Description  Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4200 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KM4200 Datasheet HTML 2Page - Fairchild Semiconductor KM4200 Datasheet HTML 3Page - Fairchild Semiconductor KM4200 Datasheet HTML 4Page - Fairchild Semiconductor KM4200 Datasheet HTML 5Page - Fairchild Semiconductor KM4200 Datasheet HTML 6Page - Fairchild Semiconductor KM4200 Datasheet HTML 7Page - Fairchild Semiconductor KM4200 Datasheet HTML 8Page - Fairchild Semiconductor KM4200 Datasheet HTML 9Page - Fairchild Semiconductor KM4200 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KM4200 Performance Characteristics (Vs = +5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless noted)
Small Signal Pulse Response Vs = +5V
Time (20ns/div)
Rf = 1kΩ
Small Signal Pulse Response Vs = +2.7V
Time (20ns/div)
Rf = 1kΩ
Large Signal Pulse Response Vs = +5V
Time (20ns/div)
Rf = 1kΩ
Output Swing
Time (0.5
µs/div)
2.7
0
Vs = +2.7V
RL = 2kΩ
G = -1
Channel Matching Vs = +5V
Frequency (MHz)
0.1
1
10
100
Channel 1
Rf = 1kΩ
RL = 2kΩ
G = 2
Channel 2
CMIR
CMIR (1V/div)
-1
0
4
5
0
12
3
DATA SHEET
KM4200
6
REV. 1A February 2001


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn