Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4170 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KM4170
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4170 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KM4170 Datasheet HTML 1Page - Fairchild Semiconductor KM4170 Datasheet HTML 2Page - Fairchild Semiconductor KM4170 Datasheet HTML 3Page - Fairchild Semiconductor KM4170 Datasheet HTML 4Page - Fairchild Semiconductor KM4170 Datasheet HTML 5Page - Fairchild Semiconductor KM4170 Datasheet HTML 6Page - Fairchild Semiconductor KM4170 Datasheet HTML 7Page - Fairchild Semiconductor KM4170 Datasheet HTML 8Page - Fairchild Semiconductor KM4170 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DATA SHEET
KM4170, KM4270, KM4470
2
REV. 5 December 2002
KM4170
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
SC70-5
KM4270
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC
KM4470
1
2
3
4
Out1
-In1
+In1
+Vs
14
13
12
11
5
6
+In2
-In2
10
9
TSSOP
SOT23-5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn