Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4170 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. KM4170
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4170 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KM4170 Datasheet HTML 2Page - Fairchild Semiconductor KM4170 Datasheet HTML 3Page - Fairchild Semiconductor KM4170 Datasheet HTML 4Page - Fairchild Semiconductor KM4170 Datasheet HTML 5Page - Fairchild Semiconductor KM4170 Datasheet HTML 6Page - Fairchild Semiconductor KM4170 Datasheet HTML 7Page - Fairchild Semiconductor KM4170 Datasheet HTML 8Page - Fairchild Semiconductor KM4170 Datasheet HTML 9Page - Fairchild Semiconductor KM4170 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
REV. 5 December 2002
2nd & 3rd Harmonic Distortion
Frequency (kHz)
0
20
40
60
80
3rd
RL = 1kΩ
100
3rd
RL = 200Ω
2nd
RL = 10kΩ
2nd
RL = 1kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
3rd
RL = 10kΩ
2nd
RL = 200Ω
2nd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
10kHz, 20kHz
50kHz
3rd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
20kHz
CMRR
Frequency (Hz)
10
100
10000
1000
100000
-90
-80
-70
-60
0
-50
-40
-10
-30
-20
PSRR
Frequency (Hz)
10
10000
1000
100
100000
-90
-70
-60
-50
-40
0
-30
-20
-10
-80
Output Swing vs. Load
Input Voltage (0.4V/div)
-2.0
0
2.0
-1.35
0
1.35
RL = 10kΩ
RL = 1kΩ
RL = 75/100Ω
RL = 200Ω
RL = 100Ω
RL = 75Ω
Pulse Resp. vs. Common Mode Voltage
Time (1µs/div)
1.2V offset
0.6V offset
No offset
-0.6V offset
-1.2V offset
Input Voltage Noise
Frequency (Hz)
0.1k
100k
10k
1k
1M
0
10
15
20
25
55
30
35
40
45
50
5
DATA SHEET
KM4170, KM4270, KM4470
Typical Operating Characteristics
(Vs = +2.7V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn