Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4170 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. KM4170
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4170 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KM4170 Datasheet HTML 1Page - Fairchild Semiconductor KM4170 Datasheet HTML 2Page - Fairchild Semiconductor KM4170 Datasheet HTML 3Page - Fairchild Semiconductor KM4170 Datasheet HTML 4Page - Fairchild Semiconductor KM4170 Datasheet HTML 5Page - Fairchild Semiconductor KM4170 Datasheet HTML 6Page - Fairchild Semiconductor KM4170 Datasheet HTML 7Page - Fairchild Semiconductor KM4170 Datasheet HTML 8Page - Fairchild Semiconductor KM4170 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KM4170, KM4270, KM4470
DATA SHEET
REV. 5 December 2002
5
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = 10
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = -10
Rf = 5kΩ
1
10
G = -5
Rf = 5kΩ
G = -1
Rf = 5kΩ
G = -2
Rf = 5kΩ
Vo = 0.2Vpp
Non-Inverting Frequency Response
Frequency (MHz)
0.01
0.1
G = 10
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Inverting Frequency Response
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Rf = 5kΩ
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 100pF
Rs = 100Ω
CL = 10pF
Rs = 0
CL = 50pF
Rs = 0Ω
CL = 20pF
Rs = 0
+
-
5kΩ
5kΩ
Rs
CL
RL
Vo = 0.05V
Frequency Response vs. RL
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 50Ω
RL = 10kΩ
RL = 200Ω
Large Signal Frequency Response
Frequency (MHz)
0.01
0.1
1
10
Vo = 4Vpp
Vs = 5V
Vo = 1Vpp
Vo = 2Vpp
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
-20
60
140
Phase
No load
0
-180
-90
0
-135
-45
|Gain|
No load
Phase
RL = 10kΩ
|Gain|
RL = 10kΩ
Vs = 5V
20
40
80
120
100
Typical Operating Characteristics
(Vs = +2.7V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn