Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7563X7S1H226M230LE Datasheet(PDF) 6 Page - TDK Electronics

Part # C7563X7S1H226M230LE
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C7563X7S1H226M230LE Datasheet(HTML) 6 Page - TDK Electronics

Back Button C7563X7S1H226M230LE Datasheet HTML 2Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 3Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 4Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 5Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 6Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 7Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 8Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 9Page - TDK Electronics C7563X7S1H226M230LE Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Capacitance Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 2000V Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
1 nF
4520
1.30 ±0.15
± 10%
C4520X7R3D102K130KE
± 20%
C4520X7R3D102M130KE
2.2 nF
4532
1.30 ±0.15
± 10%
C4532X7R3D222K130KE
± 20%
C4532X7R3D222M130KE
10 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R2E103K125AE
± 20%
C2012X7R2E103M125AE
3216
1.15 ± 0.15
± 10%
C3216X7R2J103K115AE
± 20%
C3216X7R2J103M115AE
22 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R2E223K125AE
± 20%
C2012X7R2E223M125AE
3216
1.30 ± 0.20
± 10%
C3216X7R2J223K130AE
± 20%
C3216X7R2J223M130AE
47 nF
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2J473K200AE
± 20%
C3225X7R2J473M200AE
100 nF
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2E104K160AE
± 20%
C3216X7R2E104M160AE
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2E104K200AE
± 20%
C3225X7R2E104M200AE
220 nF
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2E224K200AE
± 20%
C3225X7R2E224M200AE
470 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1H474K125AE
± 20%
C2012X7R1H474M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2A474K160AE
± 20%
C3216X7R2A474M160AE
4532 2.30 +0.30/-0.20
± 10%
C4532X7R2E474K230KE
± 20%
C4532X7R2E474M230KE
1 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1H105K125AE
± 20%
C2012X7R1H105M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2A105K160AE
C3216X7R1H105K160AE
± 20%
C3216X7R2A105M160AE
C3216X7R1H105M160AE
5750 2.30 +0.30/-0.20
± 10%
C5750X7R2E105K230KE
± 20%
C5750X7R2E105M230KE
2.2 F
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1H225K160AE
± 20%
C3216X7R1H225M160AE
3225 2.30 +0.30/-0.20
± 10%
C3225X7R2A225K230AE
± 20%
C3225X7R2A225M230AE
Capacitance Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
2.2 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1V225K125AE
± 20%
C2012X7R1V225M125AE
4.7 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1E475K125AE
C2012X7R1C475K125AE
± 20%
C2012X7R1E475M125AE
C2012X7R1C475M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1V475K160AE
± 20%
C3216X7R1V475M160AE
10 F
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1E106K160AE
± 20%
C3216X7R1E106M160AE
2.2 F
3225 2.30 +0.30/-0.20
± 10%
C3225X7R2A225K230AE
± 20%
C3225X7R2A225M230AE
Class 2 (Temperature Stable)
TemperatureCharacteristics:X7R(-55to+125ºC,±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
TDKPartNumber: 3000V
330 pF
4532
2.50 ± 0.20
± 10%
C4532C0G3F331K250KE
Class 1 (Temperature Compensating)
TemperatureCharacteristics:C0G (-55 to +125ºC,0 ± 30 ppm/ºC)
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.
Page 5
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en


Similar Part No. - C7563X7S1H226M230LE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C7563X7S1H226M230LE TDK-C7563X7S1H226M230LE_16 Datasheet
139Kb / 1P
   Commercial Grade ( Soft Termination )
More results

Similar Description - C7563X7S1H226M230LE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com