Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4121 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KM4121
Description  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4121 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KM4121 Datasheet HTML 1Page - Fairchild Semiconductor KM4121 Datasheet HTML 2Page - Fairchild Semiconductor KM4121 Datasheet HTML 3Page - Fairchild Semiconductor KM4121 Datasheet HTML 4Page - Fairchild Semiconductor KM4121 Datasheet HTML 5Page - Fairchild Semiconductor KM4121 Datasheet HTML 6Page - Fairchild Semiconductor KM4121 Datasheet HTML 7Page - Fairchild Semiconductor KM4121 Datasheet HTML 8Page - Fairchild Semiconductor KM4121 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATA SHEET
KM4111/KM4121
2
REV. 1B June 2001
PARAMETERS
CONDITIONS
TYP
MIN & MAX
UNITS
NOTES
Case Temperature
+25°C
+25°C
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
28
MHz
1
G = +2, Vo < 0.2Vpp
15
MHz
full power bandwidth
G = -1, Vo = 2Vpp
7
MHz
gain bandwidth product
16
MHz
Time Domain Response
rise and fall time
0.2V step
16
ns
settling time to 0.1%
1V step
140
ns
overshoot
2V step, G = -1
1
%
slew rate
2V step, G = -1
20
V/
µs
Distortion and Noise Response
2nd harmonic distortion
1Vpp, 100kHz
85
dBc
3rd harmonic distortion
1Vpp, 100kHz
63
dBc
THD
1Vpp, 100kHz
62
dB
input voltage noise
>10kHz
23
nV/
√Hz
DC Performance
input offset voltage
0.8
±5
mV
2
average drift
11
µV/°C
input bias current
0.37
1.3
µA2
average drift
1
nA/°C
input offset current
8
130
nA
2
power supply rejection ratio
DC
60
56
dB
2
open loop gain
65
56
dB
2
quiescent current
185
245
µA2
Disable Characteristics
turn on time
1
µs
turn off time
3.5
µs
off isolation
1MHz
74
dB
quiescent current
13
µA
Input Characteristics
input resistance
>10
M
input capacitance
1.4
pF
input common mode voltage range
-0.3 to 1.5
V
common mode rejection ratio
DC, Vcm = 0V to Vs - 1.5
92
65
dB
2
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
0.06 to 2.62
V
RL = 2kΩ to Vs/2
0.08 to 2.6
0.2 to 2.4
V
2
linear output current
±8
mA
short circuit output current
±12.5
mA
power supply operating range
2.7
2.5 to 5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
NOTES:
1) For G = +1, Rf = 0.
2) 100% tested at +25°C.
Absolute Maximum Ratings
Package Thermal Resistance
supply voltage
0 to +6V
Package
θJA
maximum junction temperature
+175°C
5 lead SOT23
256°C/W
storage temperature range
-65°C to +150°C
6 lead SOT23
230°C/W
lead temperature (10 sec)
+260°C
operating temperature range (recommended) -40°C to +85°C
input voltage range
+Vs +0.5V; -Vs -0.5V
internal power dissipation
see power derating curves
KM4111/KM4121 Electrical Characteristics (Vs = +2.7V, G = 2, RL = 2kΩ to Vs/2, Rf = 2.5kΩ; unless noted)


Similar Part No. - KM4121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4120 FAIRCHILD-KM4120 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4120IT6 FAIRCHILD-KM4120IT6 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4120IT6TR3 FAIRCHILD-KM4120IT6TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Samsung semiconductor
KM41256A SAMSUNG-KM41256A Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
KM41256AJ-10 SAMSUNG-KM41256AJ-10 Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
More results

Similar Description - KM4121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Exar Corporation
XR1009 EXAR-XR1009 Datasheet
637Kb / 16P
   0.2mA, 35MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com