Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0703DPP-E0-T2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0703DPP-E0-T2
Description  N-Channel MOS FET 75 V, 70 A, 6.7 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0703DPP-E0-T2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0703DPP-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJK0703DPP-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0703DPP-E0
Preliminary
R07DS0630EJ0200 Rev.2.00
Page 5 of 6
Oct 15, 2012
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
25
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform
0.1
0.01
0.001
10.0
1
100
μ
1 m
10 m
100 m
1
10
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
DM
P
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 5.00°C/W, Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot pulse


Similar Part No. - RJK0703DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m?
More results

Similar Description - RJK0703DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK0703DPP-A0 RENESAS-RJK0703DPP-A0 Datasheet
372Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK0703DPN-A0 RENESAS-RJK0703DPN-A0 Datasheet
377Kb / 7P
   N-Channel MOSFET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0_15 Datasheet
89Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0 Datasheet
89Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK0702DPN-E0 RENESAS-RJK0702DPN-E0 Datasheet
91Kb / 7P
   N-Channel MOS FET 75 V, 90 A, 4.8 m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com