Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4111 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. KM4111
Description  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4111 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KM4111 Datasheet HTML 1Page - Fairchild Semiconductor KM4111 Datasheet HTML 2Page - Fairchild Semiconductor KM4111 Datasheet HTML 3Page - Fairchild Semiconductor KM4111 Datasheet HTML 4Page - Fairchild Semiconductor KM4111 Datasheet HTML 5Page - Fairchild Semiconductor KM4111 Datasheet HTML 6Page - Fairchild Semiconductor KM4111 Datasheet HTML 7Page - Fairchild Semiconductor KM4111 Datasheet HTML 8Page - Fairchild Semiconductor KM4111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KM4111/KM4121
DATA SHEET
KM4111/KM4121 Performance Characteristics (Vs = +5V, G = 2, RL = 2kΩ to Vs/2, Rf = 2.5kΩ; unless noted)
2nd & 3rd Harmonic Distortion; Vs = +2.7V
Frequency (kHz)
10
100
3rd
1000
2nd
-100
-90
-80
-70
-60
-50
-40
Vo = 1Vpp
PSRR
Frequency (Hz)
100
1k
10k
1M
100k
10M
-70
-60
-50
-40
-30
10
-20
-10
0
CMRR
Frequency (Hz)
10
100
1k
1M
100k
10k
10M
-100
-90
-80
-70
-20
-60
-50
-30
-40
Output Swing vs. RL
RL (kΩ)
1
10
100
4.55
4.60
4.70
4.85
4.75
4.80
4.65
Small Signal Pulse Response Vs = +5V
Time (1
µs/div)
Large Signal Pulse Response Vs = +5V
Time (1
µs/div)
Enable Disable Response Vs = +5V
Time (1
µs/div)
Disable Pulse
5V
0V
KM4111/KM4121
DATA SHEET
REV. 1B June 2001
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn