Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4111 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. KM4111
Description  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4111 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KM4111 Datasheet HTML 1Page - Fairchild Semiconductor KM4111 Datasheet HTML 2Page - Fairchild Semiconductor KM4111 Datasheet HTML 3Page - Fairchild Semiconductor KM4111 Datasheet HTML 4Page - Fairchild Semiconductor KM4111 Datasheet HTML 5Page - Fairchild Semiconductor KM4111 Datasheet HTML 6Page - Fairchild Semiconductor KM4111 Datasheet HTML 7Page - Fairchild Semiconductor KM4111 Datasheet HTML 8Page - Fairchild Semiconductor KM4111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM4111/KM4121
DATA SHEET
REV. 1B June 2001
3
PARAMETERS
CONDITIONS
TYP
MIN & MAX
UNITS
NOTES
Case Temperature
+25°C
+25°C
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
35
MHz
1
G = +2, Vo < 0.2Vpp
18
MHz
full power bandwidth
G = -1, Vo = 2Vpp
8
MHz
gain bandwidth product
20
MHz
Time Domain Response
rise and fall time
0.2V step
13
ns
settling time to 0.1%
2V step
140
ns
overshoot
2V step, G = -1
1
%
slew rate
2V step, G = -1
27
V/
µs
Distortion and Noise Response
2nd harmonic distortion
2Vpp, 100kHz
78
dBc
3rd harmonic distortion
2Vpp, 100kHz
66
dBc
THD
2Vpp, 100kHz
65
dB
input voltage noise
>10kHz
21
nV/
√Hz
DC Performance
input offset voltage
-1.5
±5
mV
2
average drift
20
µV/°C
input bias current
0.37
1.3
µA2
average drift
1
nA/°C
input offset current
7
130
nA
2
power supply rejection ratio
DC
60
56
dB
2
open loop gain
62
56
dB
2
quiescent current
208
260
µA2
Disable Characteristics
turn on time
0.7
µs
turn off time
4.5
µs
off isolation
1MHz
72
dB
quiescent current
35
µA
Input Characteristics
input resistance
>10
M
input capacitance
1.2
pF
input common mode voltage range
-0.3 to 3.8
V
common mode rejection ratio
DC, Vcm = 0V to Vs - 1.5
95
65
dB
2
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
0.08 to 4.88
V
RL = 2kΩ to Vs/2
0.1 to 4.8
0.2 to 4.7
V
2
linear output current
±8.5
mA
short circuit output current
±13
mA
power supply operating range
5
2.5 to 5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
NOTES:
1) For G = +1, Rf = 0.
2) 100% tested at +25°C.
KM4111/KM4121 Electrical Characteristics (Vs = +5V, G = 2, RL = 2kΩ to Vs/2, Rf = 2.5kΩ; unless noted)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn