Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4110 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. KM4110
Description  0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4110 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KM4110 Datasheet HTML 3Page - Fairchild Semiconductor KM4110 Datasheet HTML 4Page - Fairchild Semiconductor KM4110 Datasheet HTML 5Page - Fairchild Semiconductor KM4110 Datasheet HTML 6Page - Fairchild Semiconductor KM4110 Datasheet HTML 7Page - Fairchild Semiconductor KM4110 Datasheet HTML 8Page - Fairchild Semiconductor KM4110 Datasheet HTML 9Page - Fairchild Semiconductor KM4110 Datasheet HTML 10Page - Fairchild Semiconductor KM4110 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET
KM4110/KM4120
10
REV. 1A February 2001
KM4110/KM4120 Package Dimensions
b
e
e1
D
CL
E
CL
CL
A
A2
A1
α
E1
C
2
CL
NOTE:
1. All dimensions are in millimeters.
2 Foot length measured reference to flat
foot surface parallel to DATUM ’A’ and lead surface.
3. Package outline exclusive of mold flash & metal burr.
4. Package outline inclusive of solder plating.
5. Comply to EIAJ SC74A.
6. Package ST 0003 REV A supercedes SOT-D-2005 REV C.
SYMBOL
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.25
0.50
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.95 ref
e1
1.90 ref
α
010
b
e
e1
D
CL
E
CL
CL
A
A2
A1
α
E1
C
2
CL
NOTE:
1. All dimensions are in millimeters.
2 Foot length measured reference to flat
foot surface parallel to DATUM ’A’ and lead surface.
3. Package outline exclusive of mold flash & metal burr.
4. Package outline inclusive of solder plating.
5. Comply to EIAJ SC74A.
6. Package ST 0004 REV A supercedes SOT-D-2006 REV C.
SYMBOL
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.25
0.50
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.95 ref
e1
1.90 ref
α
010
SOT23-5
SOT23-6


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn