Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06032942F Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # CRCW06032942F
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

CRCW06032942F Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button CRCW06032942F Datasheet HTML 6Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 7Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 8Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 9Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 10Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 11Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 12Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 13Page - Micrel Semiconductor CRCW06032942F Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MAQ5283
October 2012
10
M9999-100912-A
MAQ5283 Evaluation Board Schematic
MAQ5283 Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C5750X7R2E105M
TDK
(1)
1.0µF, 250V, 20%, X7R capacitor (2220)
1
C2
08053C104KAT2A
AVX
(2)
0.1µF 25V 20%, X7R capacitor (0805)
1
C3
0805ZD106KAT2A
AVX
10µF, 10V, 20%, X5R, capacitor (0805)
1
R1
CRCW06030000F
Vishay/Dale
(3)
0
Ω, 1% resistor, 0603
1
R2
CRCW06032942F
Vishay/Dale
29.4k
Ω, 1% resistor, 0603
1
R3
CRCW06039531F
Vishay
(3)
9.53k
Ω Film Resistor, Size 0603, 1%
1
R4
CRCW06031742F
Vishay
17.4k
Ω Film Resistor, Size 0603, 1%
1
R5
CRCW06032802F
Vishay
28.0k
Ω Film Resistor, Size 0603, 1%
1
R6
CRCW06036192F
Vishay
61.9k
Ω Film Resistor, Size 0603, 1%
1
U1
MAQ5283YML
Micrel
(4)
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
1
Notes:
1. TDK: www.tdk.com.
2. AVX: www.avx.com.
3. Vishay Tel: www.vishay.com.
4. Micrel, Inc.: www.micrel.com.


Similar Part No. - CRCW06032942F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRCW06032003F0603 ETC-CRCW06032003F0603 Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
International Rectifier
CRCW0603200KFKEA IRF-CRCW0603200KFKEA Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
CRCW0603200KFKEA IRF-CRCW0603200KFKEA Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Vishay Siliconix
CRCW0603200RF0EA VISHAY-CRCW0603200RF0EA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0603200RFKEA VISHAY-CRCW0603200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW06032942F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com