Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X5R0J475K Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # C1608X5R0J475K
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

C1608X5R0J475K Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button C1608X5R0J475K Datasheet HTML 2Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 3Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 4Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 5Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 6Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 7Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 8Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 9Page - Micrel Semiconductor C1608X5R0J475K Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
6
Revision 2.0
Typical Characteristics (Continued)
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
200
500
800
1100
1400
1700
2000
OUPUT CURRENT (mA)
Output Voltage vs.
Output Current (CCM)
V
IN = 3.6V
1.900
1.920
1.940
1.960
1.980
2.000
2.020
2.040
2.060
2.080
2.100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Output Voltage vs.
Temperature
V
IN = 3.6V
I
OUT = 30mA
82
83
84
85
86
87
88
89
90
91
92
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
PG Thresholds vs.
Input Voltage
PG RISING
PG FALLING
10
15
20
25
30
35
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
PG Delay Time
vs. Input Voltage
PG RISING
PG FALLING
2.46
2.48
2.5
2.52
2.54
2.56
2.58
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
UVLO Thresholds vs.
Temperature
UVLO ON
UVLO OFF
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Enable Thresholds
vs. Input Voltage
T
CASE = 25°C
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Enable Threshold vs.
Temperature
V
IN = 3.6V
1
10
100
1000
10000
1
10
100
1000
10000
OUPUT CURRENT (mA)
Switching Frequency vs.
Output Current
V
IN = 5V
V
IN = 3.6V
0.680
0.685
0.690
0.695
0.700
0.705
0.710
0.715
0.720
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Feedback Voltage vs.
Temperature


Similar Part No. - C1608X5R0J475K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X5R0J475K TI-C1608X5R0J475K Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
logo
Microchip Technology
C1608X5R0J475K MICROCHIP-C1608X5R0J475K Datasheet
387Kb / 26P
   Breakout Module
2012
logo
ON Semiconductor
C1608X5R0J475K ONSEMI-C1608X5R0J475K Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
More results

Similar Description - C1608X5R0J475K

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
   3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com