Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH36W-15S-03SHW Datasheet(PDF) 1 Page - Hirose Electric

Part # FH36W-15S-03SHW
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36W-15S-03SHW Datasheet(HTML) 1 Page - Hirose Electric

  FH36W-15S-03SHW Datasheet HTML 1Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 2Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 3Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 4Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 5Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 6Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 7Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 8Page - Hirose Electric FH36W-15S-03SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH36 Series
sFeatures
1. Low-profile and light weight
Weight: Reduced approximately 30%
Board footprint: Reduced approximately 15%
(As compared with Hirose Electric's FH26 Series connectors
(51 positions)
2. Easy solderability on the PC board
The soldering leads are on 0.6 mm pitch, exiting on front and
back of the connector.
3. Conducive traces on the PCB can run under
the connector
No exposed contacts on the bottom of the connector.
4. Easy FPC insertion and reliable electrical
connection
Proven Flip Lock actuator allows easy insertion of FPC and
provides a tactile sensation when fully closed, confirming
complete electrical and mechanical connection.
5. FPC position hold
Tabs on each side of the FPC assure correct placement
and hold in the connector prior to closing of the actuator.
6. Accepts standard FPC thickness
0.2mm thick standard Flexible Printed Circuit (FPC) can be
used. This is the only ultra-low profile ZIF connector using
standard FPC.
7. Board placement with automatic equipment
Flat upper surface and tape and reel packaging facilitate
vacuum pick-up and placement.
Standard reel packaging contains 5,000 connectors.
8. Halogen-free *
(FH36W Series)
*As defined by IEC61249-2-21
Br-900ppm maximum, Cl-900ppm maximum,
Cl + Br combined-1,500ppm maximum
2010.9
NEW
qOperation
qFPC temporary hold
qSpace saving (51 positions shown)
[51 Positions]
qCan be mounted over conductive traces
No exposed contacts on the bottom of
the connector
16.9mm
Metal fittings do not protrude outside of the connector body
2.7mm
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
FPC
FPC
Actuator
Actuator
1
2
3
4
(3) Close the actuator
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH36W-15S-03SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH36W-15S-03SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com