Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X7R2A225K230AE Datasheet(PDF) 9 Page - TDK Electronics

Part # C3225X7R2A225K230AE
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X7R2A225K230AE Datasheet(HTML) 9 Page - TDK Electronics

Back Button C3225X7R2A225K230AE Datasheet HTML 4Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 5Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 6Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 7Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 8Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 9Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 10Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 11Page - TDK Electronics C3225X7R2A225K230AE Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
CKCN27(C0906)[EIA CC0302]
100,000
104
M: ± 20%
0.45 mm
CKCM25(C1310)[EIA CC0504]
0.60 mm
0.80 mm
F: ± 1pF
K: ± 10%
M: ± 20%
X5R
JB
C0G
X5R
X7R
X8R
0J
(6.3V)
0J
(6.3V)
2A
1H
1C
1A
0J
1H
1E
1H
(100V) (50V) (16V) (10V) (6.3V) (50V) (25V) (50V)
10
15
22
33
47
68
100
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
100
150
220
330
470
680
101
221
331
471
681
102
152
222
332
472
682
103
223
473
104
224
474
105
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: JB (± 10%), X5R (± 15%)
Rated Voltage: 6.3V (0J)
Capacitance Code Tolerance
Standard Thickness
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), X5R (± 15%), X7R (±15%), X8R (±15%)
Rated Voltage: 100V (2A), 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Standard Thickness
Capacitance
(pF)
(pF)
Code
Tolerance
Page 8
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en


Similar Part No. - C3225X7R2A225K230AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225K230AE TDK-C3225X7R2A225K230AE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
More results

Similar Description - C3225X7R2A225K230AE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com