Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0656DPB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0656DPB
Description  60V, 40A, 5.6m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0656DPB Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0656DPB Datasheet HTML 1Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 2Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 3Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 4Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 5Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 6Page - Renesas Technology Corp RJK0656DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1054EJ0200 Rev.2.00
Page 1 of 6
Apr 09, 2013
Preliminary Datasheet
RJK0656DPB
60V, 40A, 5.6m
 max.
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Low drive current
 Low on-resistance
RDS(on) = 4.5 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
 High density mounting
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
Drain current
ID
40
A
Drain peak current
ID(pulse)
Note1
160
A
Body-drain diode reverse drain current
IDR
40
A
Avalanche current
IAP
Note 2
40
A
Avalanche energy
EAS
Note 2
12
mJ
Channel dissipation
Pch
Note3
65
W
Channel to Case Thermal Resistance
ch-C
1.92
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at L=10uH, Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS1054EJ0200
(Previous: REJ03G1882-0100)
Rev.2.00
Apr 09, 2013


Similar Part No. - RJK0656DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0656DPB RENESAS-RJK0656DPB_15 Datasheet
157Kb / 7P
   60V, 40A, 5.6m??max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0656DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0656DPB RENESAS-RJK0656DPB_15 Datasheet
157Kb / 7P
   60V, 40A, 5.6m??max. Silicon N Channel Power MOS FET Power Switching
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_15 Datasheet
152Kb / 7P
   40V, 40A, 4.9m??max. Silicon N Channel Power MOS FET Power Switching
RJK0853DPB RENESAS-RJK0853DPB_13 Datasheet
108Kb / 7P
   80V, 40A, 8.0m max. Silicon N Channel Power MOS FET Power Switching
RJK0853DPB RENESAS-RJK0853DPB_15 Datasheet
108Kb / 7P
   80V, 40A, 8.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0660DPA RENESAS-RJK0660DPA_15 Datasheet
166Kb / 7P
   60V, 40A, 5.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0651DPB RENESAS-RJK0651DPB_15 Datasheet
107Kb / 7P
   60V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK0652DPB RENESAS-RJK0652DPB_15 Datasheet
108Kb / 7P
   60V, 35A, 7.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0655DPB RENESAS-RJK0655DPB_15 Datasheet
158Kb / 7P
   60V, 35A, 6.7m??max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com