Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR18.0MXC7T Datasheet(PDF) 1 Page - TDK Electronics

Part # CCR18.0MXC7T
Description  Ceramic ResonatorsSMD CCR Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR18.0MXC7T Datasheet(HTML) 1 Page - TDK Electronics

  CCR18.0MXC7T Datasheet HTML 1Page - TDK Electronics CCR18.0MXC7T Datasheet HTML 2Page - TDK Electronics CCR18.0MXC7T Datasheet HTML 3Page - TDK Electronics CCR18.0MXC7T Datasheet HTML 4Page - TDK Electronics CCR18.0MXC7T Datasheet HTML 5Page - TDK Electronics CCR18.0MXC7T Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(1/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
Ceramic Resonators(SMD)
CCR Series
FEATURES
• The CCR series are thin-type ceramic chip resonators. Thick-
ness shear mode or 3rd over-tone thickness expansion mode
element are used for both the 4.0 to 11.0MHz band and the 16.0
to 50.0MHz band.
• Products with built-in loading capacitance have piezoelectric ele-
ments that are mounted onto a capacity-forming dielectric sub-
strate.
This eliminates the need for external capacitors, thus simplifying
circuit requirements.
• Optimization of the temperature characteristics of both the
piezoelectric element and dielectric materials has resulted in
stable oscillating frequency.
• Corresponds to reflow soldering. Moreover, it is possible to cor-
respond Pb-free soldering.(260°C,10sec. max.)
Packaging style is emboss taping.
• Setting or matching of oscillating frequency which correspond to
new models, application IC or custom IC are also available,
please contact TDK.
TEMPERATURE RANGES
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
PRODUCT IDENTIFICATIONS
(1) Series name
(2) Oscillating frequency
(3) Production type and dimensions
(4) Initial oscillating frequency tolerance
(5) Oscillating frequency correlation
(6) Built-in loading capacitance
(7) Product’s thickness
(8) Taping style
Conformity to RoHS Directive
Operating/Storage
–40 to +85°C
Preheating: 90±30s
250˚C
230˚C
180˚C
Time(s)
40±10s
10s max.
CCR
20.0
MXC7
……… ……………… T…
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
CCR
Ceramic resonator(SMD)
Symbol
Oscillating
frequency range
(MHz)
Loading capaci-
tors
Dimensions
L
× W
(mm)
MUC8
4.0 to 7.99
Internal
4.0
× 2.0
MXC8
8.0 to 11.0
Internal
3.2
× 1.3
MX7
16.0 to 50.0
External
2.5
× 2.0
MXC7
16.0 to 50.0
Internal
2.5
× 2.0
MYC7
24.0 to 50.0
Internal
2.0
× 1.6
Symbol
MUC8
MXC8
MXC7/MX7/MYC7
Non
±0.5%
±0.5%
±0.5%
A
±0.3%
±0.3%
±0.3%
A2
±0.2%
A15
±0.15%
Others
Custom made
Non
Non correlation for TDK standard
F
Custom made
F1
Custom made
F2
Custom made
Others
Custom made
Symbol
MUC8
MXC8
MXC7
Non
Standard(27pF)
Standard(18pF)
Standard(8/9pF)
J
11.5pF
J1
6/4pF
J2
2pF
Others
Custom made
Non
Standard
N
Custom made
N1
Custom made
N2
Custom made
Others
Custom made
Symbol
MUC8
MXC8
MXC7/MX7
MYC7
T
2,000pieces/
reel
(ø180mm)
2,000pieces/
reel
(ø180mm)
2,000pieces/
reel
(ø180mm)
T1
3,000pieces/
reel
(ø180mm)
3,000pieces/
reel
(ø180mm)
T2
4,000pieces/
reel
(ø180mm)
T3
10,000pieces/
reel
(ø330mm)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CCR18.0MXC7T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR18.0MXC7T TDK-CCR18.0MXC7T Datasheet
112Kb / 7P
   Ceramic Resonators
More results

Similar Description - CCR18.0MXC7T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33M TELEDYNE-CCR-33M Datasheet
486Kb / 7P
   CCR-33SXC
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
logo
Shenzhen Luguang Electr...
LTCA10.7MS3 LUGUANG-LTCA10.7MS3 Datasheet
268Kb / 5P
   Ceramic Filter Series
LT10.7MA20 LUGUANG-LT10.7MA20 Datasheet
224Kb / 5P
   Ceramic Filter Series
LT10.7MS2A10 LUGUANG-LT10.7MS2A10 Datasheet
247Kb / 5P
   Ceramic Filter Series
LT10.7MS3A10 LUGUANG-LT10.7MS3A10 Datasheet
158Kb / 3P
   Ceramic Filter Series
logo
Vanlong Technology Co.,...
JT-M VANLONG-JT-M Datasheet
22Kb / 1P
   JT_M Series Ceramic Discriminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com