Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC30-2412SFP-E Datasheet(PDF) 1 Page - TDK Electronics

Part # CC30-2412SFP-E
Description  Ultra Compact, 15W to 30W Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC30-2412SFP-E Datasheet(HTML) 1 Page - TDK Electronics

  CC30-2412SFP-E Datasheet HTML 1Page - TDK Electronics CC30-2412SFP-E Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
1-800-526-2324 • www.us.tdk-lambda.com/lp/
CC-P-E Series
Features
u Compact Footprint / Low Profile
u 24V & 48V Inputs
u 3.3V to 15V Outputs
u Five Sided Shielding (Cased Version)
u Input - Output Isolation
u Parallel Operation
u Through Hole or SMT Versions
u DC OK signal
u Sequencing pin
Ultra Compact, 15W to 30W Single Output DC-DC Converters
Note: See Installation Manual for full specifications, test methods of parameters and application notes
Model
Nominal Output Voltage
V
3.3V
5V
12V
15V
DC Input
VDC
24V Nominal: 18-36V, 48V Nominal: 36-76V
Efficiency
%
89 to 92% model dependant
Initial set accuracy
%
±1%
Total Regulation limits
%
+5%, -3%
Output Adjustment
-
None
Temperature Coefficient
%/°C
<0.02%/°C
Preload
A
None
Output Ripple
mV
50mV
150mV
Overcurrent Protection
-
> 103% of nominal rating
Overvoltage protection
-
Operates at 115 - 145% of nominal voltage
Remote On/Off (RC)
-
Logic high (pull high to shutdown), referenced to -Vin
Alarm (ALM)
-
Low On Fail, referenced to -Vin. 20 units maximum
Sequencing (PO)
-
Connecting PO terminals on multiple power supplies ensures all simultaneously
start up (20 units maximum)
Cooling
-
Convection
Operating Temp. Range
°C
-40 to 85°C, see derating curves on website
Storage Temperature
°C
-40 to 85°C
Humidity (Non condensing)
%RH
5 - 95%RH
Isolation Voltage (Cased version)
VDC
1000VDC 1 min. Input-Output, Input-Chassis, Output-Chassis
Isolation Voltage (Uncased version) VDC
1500VDC 1 min. Input-Output
Isolation Resistance
-
>50M at 25°C and 70%RH, 500 VDC Input-Output, Input-Case, Output-Case
Shock (Non operating)
-
980m/s2 (100G), 6ms, 6 directions, 3 times
Vibration (non operating)
-
10-55-10 Hz (sweep for 15 min.) 1.52mm amplitude, 2 hour X, Y, Z
Safety Certifications
-
UL60950-1, CSA C22.2 No.60950-1 (c-UL), EN60950-1
Weight
g
With case: CC15 15g, CC30 20g. Without case: CC15 10g, CC30 15g
Size (LxWxH) (Thru hole ver., w/ case) mm
CC15: 38.4 x 6.8 x 29.6mm, CC30: 38.4 x 8.3 x 33.5mm
Warranty
yrs
5 years
Specifications
Key Market Segments & Applications


Similar Part No. - CC30-2412SFP-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC30-2412SFP-E TDK-CC30-2412SFP-E Datasheet
200Kb / 2P
   DC-DC Converters
More results

Similar Description - CC30-2412SFP-E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
MicroPower Direct, LLC
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
   Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com