Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0629JPE-00-J3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0629JPE-00-J3
Description  60 V - 85 A - Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0629JPE-00-J3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0629JPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJK0629JPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0629JPE
Preliminary
R07DS1075EJ0100 Rev.1.00
Page 2 of 6
Jun 17, 2013
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate to source leak current
IGSS
±10
μA
VGS =
±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
μA
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
Static drain to source on state
resistance
RDS(on)
3.75
4.5
m
Ω
ID = 43 A, VGS = 10 V
Note5
4.9
6.6
m
Ω
ID = 43 A, VGS = 4.5 V
Note5
Input capacitance
Ciss
4100
pF
VDS = 10 V, VGS = 0
f = 1 MHz
Output capacitance
Coss
1000
pF
Reverse transfer capacitance
Crss
780
pF
Total gate charge
Qg
85
nC
VDD = 25 V, VGS = 10 V,
ID = 85 A
Gate to source charge
Qgs
11
nC
Gate to drain charge
Qgd
25
nC
Turn-on delay time
td(on)
20
ns
ID= 43A, RL = 0.698
Ω,
VGS = 10 V, RG = 4.7
Ω
Rise time
tr
40
ns
Turn-off delay time
td(off)
100
ns
Fall time
tf
40
ns
Body-drain diode forward voltage
VDF
0.92
1.2
V
IF = 85 A, VGS = 0
Note5
Body-drain diode reverse recovery
time
trr
50
ns
IF = 85 A, VGS = 0,
diF/dt = 100 A/
μs
Note:
5. Pulse test


Similar Part No. - RJK0629JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629JPE RENESAS-RJK0629JPE_15 Datasheet
101Kb / 7P
   60 V - 85 A - Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK0629JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629JPE RENESAS-RJK0629JPE_15 Datasheet
101Kb / 7P
   60 V - 85 A - Silicon N Channel MOS FET High Speed Power Switching
RJK0632JPD RENESAS-RJK0632JPD_15 Datasheet
102Kb / 7P
   60 V, 20 A Silicon N Channel MOS FET High Speed Power Switching
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
RJK0636JPD RENESAS-RJK0636JPD_15 Datasheet
96Kb / 7P
   60 V - 25 A - N Channel Power MOS FET High Speed Power Switching
RJK0636JPD RENESAS-RJK0636JPD_12 Datasheet
96Kb / 7P
   60 V - 25 A - N Channel Power MOS FET High Speed Power Switching
RJK0631JPR RENESAS-RJK0631JPR_15 Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
RJK0631JPR RENESAS-RJK0631JPR Datasheet
99Kb / 7P
   60 V - 30 A - N Channel Power MOS FET High Speed Power Switching
RJF0608JSP RENESAS-RJF0608JSP_15 Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
RJF0613JSP RENESAS-RJF0613JSP Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com