Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0601DPN-E0-T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0601DPN-E0-T2
Description  N-Channel MOS FET 60 V, 110 A, 3.1 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0601DPN-E0-T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0601DPN-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJK0601DPN-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0601DPN-E0
Preliminary
R07DS0652EJ0200 Rev.2.00
Page 2 of 6
Aug 24, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
60
V
ID = 10mA, VGS = 0
Gate to source leak current
IGSS
±0.1
A
VGS = 20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
2.5
3.1
m
ID = 55 A, VGS = 10 V
Note4
Forward transfer admittance
|yfs|
120
S
ID = 55 A, VD = 10 V
Note4
Input capacitance
Ciss
10000
pF
Output capacitance
Coss
2150
pF
Reverse transfer capacitance
Crss
500
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.6
Total gate charge
Qg
141
nC
Gate to source charge
Qgs
50
nC
Gate to drain charge
Qgd
25
nC
VDD= 25 V
VGS = 10 V,
ID = 55 A
Turn-on delay time
td(on)
53
ns
Rise time
tr
27
ns
Turn-off delay time
td(off)
100
ns
Fall time
tf
29
ns
VGS = 10 V
ID = 55 A
VDD  30 V
Rg = 4.7
Body-drain diode forward voltage
VDF
0.85
1.5
V
IF = 110 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
65
ns
IF = 110 A, VGS = 0
diF/dt = 100 A/s
Notes: 4. Pulse test


Similar Part No. - RJK0601DPN-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0601DPN-E0 RENESAS-RJK0601DPN-E0_15 Datasheet
91Kb / 7P
   N-Channel MOS FET 60 V, 110 A, 3.1 m?
More results

Similar Description - RJK0601DPN-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0601DPN-E0 RENESAS-RJK0601DPN-E0_15 Datasheet
91Kb / 7P
   N-Channel MOS FET 60 V, 110 A, 3.1 m?
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0 Datasheet
89Kb / 7P
   N-Channel MOS FET 60 V, 100 A, 3.9 m.
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0_15 Datasheet
89Kb / 7P
   N-Channel MOS FET 60 V, 100 A, 3.9 m?
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m?
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com