Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFY90 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BFY90
Description  WIDE BAND VHF/UHF AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BFY90 Datasheet(HTML) 3 Page - Comset Semiconductor

  BFY90 Datasheet HTML 1Page - Comset Semiconductor BFY90 Datasheet HTML 2Page - Comset Semiconductor BFY90 Datasheet HTML 3Page - Comset Semiconductor BFY90 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BFX89 – BFY90
25/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
Tamb = 25
°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
NF(2)
Noise Figure
IC= 2mA , VCE= 5 V
f = 100KHz
Rg = Optimized
BFY90
Only
-
-
4
dB
IC= 2mA , VCE= 5 V
f= 200 MHz
Rg = Optimized
BFX89
-
3.3
4
BFY90
-
2.5
3.5
IC= 2mA , VCE= 5 V
f = 500 MHz
Rg = 50
BFX89
-
-
6.5
BFY90
-
-
5
IC= 2mA , VCE= 5 V
f = 800 MHz
Rg = Optimized
BFX89
-
7
-
BFY90
-
5.5
-
Gpe (2)
Power Gain ( not
neutralized)
For BFX89
IC= 8mA
VCE= 10 V
f=200 MHz
19
22
-
dB
f=800 MHz
-
7
-
For BFY90
IC= 14mA
VCE= 10 V
f=200 MHz
21
23
-
f=800 MHz
-
8
-
Po
Output Power
For BFX89
IC=8mA
VCE= 10 V
Dim = -30 dB
(3)
Channel 9
-
6
-
mW
(4)
Channel 62
-
6
For BFY90
IC=14mA
VCE= 10 V
Dim = -30 dB
(3)
Channel 9
10
12
-
(4)
Channel 62
-
12
-
* IB = value for which IC =22 mA at VCE = 1V
(1) Shield lead not grounded
(3) fp = 202MHZ, fq = 205 MHZ, f(2q-p) = 208MHZ
(2) Shield lead grounded
(4) fp = 798MHZ, fq = 802 MHZ, f(2q-p) = 806MHZ


Similar Part No. - BFY90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFY90 STMICROELECTRONICS-BFY90 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Seme LAB
BFY90 SEME-LAB-BFY90 Datasheet
17Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Microsemi Corporation
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
BFY90 CENTRAL-BFY90 Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
logo
Advanced Power Technolo...
BFY90 ADPOW-BFY90 Datasheet
113Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - BFY90

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
   VHF~UHF Wide Band Amplifier
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
   VHF~UHF Wide Band Amplifier
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
   VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
   VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com