Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA8058 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. FSA8058
Description  Audio Jack Detection and Configuration Switch with Moisture Sensing
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSA8058 Datasheet(HTML) 7 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA8058
• Rev. 1.0.0
7
Physical Dimensions
Figure 4.
10-Lead, Quad Ultrathin MLP (UMLP), 1.4 X 1.8 mm Body
Table 1.
Nominal Values
JEDEC Symbol
Description
Nominal Values (mm)
A
Overall Height
0.5
A1
Package Standoff
0.072
A3
Lead Thickness
0.152
b
Lead Width
0.4
L
Lead Length
0.2
e
Lead Pitch
0.4
D
Body Length (Y)
1.8
E
Body Width (X)
1.4
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision.
Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/UM/UMLP10A.pdf
.
A
B
C
SEATING
PLANE
DETAIL A
PIN#1 IDENT
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT CONFORM TO
ANY JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP10Arev5.
F. FAIRCHILD SEMICONDUCTOR.
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
10
1.40
1.80
0.40
0.15
0.25
(10X)
0.35
0.45
(9X)
1.70
2.10
0.40
0.663
0.563
(9X)
0.225
(10X)
1
(0.15)
0.55
0.45
DETAIL A
SCALE : 2X
1.85
1.45
0.55
0.40
0.225
(10X)
9X
0.45
PIN#1 IDENT
OPTIONAL MINIMIAL
TOE LAND PATTERN
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
PACKAGE
EDGE
45°
0.25
0.15


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn