Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62773HRZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL62773HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62773HRZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL62773HRZ Datasheet HTML 12Page - Intersil Corporation ISL62773HRZ Datasheet HTML 13Page - Intersil Corporation ISL62773HRZ Datasheet HTML 14Page - Intersil Corporation ISL62773HRZ Datasheet HTML 15Page - Intersil Corporation ISL62773HRZ Datasheet HTML 16Page - Intersil Corporation ISL62773HRZ Datasheet HTML 17Page - Intersil Corporation ISL62773HRZ Datasheet HTML 18Page - Intersil Corporation ISL62773HRZ Datasheet HTML 19Page - Intersil Corporation ISL62773HRZ Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ISL62773
16
March 7, 2012
FN8263.0
Start-up Timing
With VDD above the POR threshold, the controller start-up
sequence begins when ENABLE exceeds the logic high threshold.
Figure 13 shows the typical soft-start timing of the Core and
Northbridge VRs. Once the controller registers ENABLE as a high,
the controller checks that state of a few programming pins
during the typical 8ms delay prior to beginning soft-starting the
Core and Northbridge outputs. The pre-PWROK Metal VID is read
from the state of the SVC and SVD pins and programs the DAC,
the programming resistors on COMP, COMP_NB, and FCCM_NB
are read to configure internal drivers, switching frequency, slew
rate, output offsets. These programming resistors are discussed
in subsequent sections. The ISL62773 uses a digital soft-start to
ramp up the DAC to the Metal VID level programmed. The
soft-start slew rate is programmed by the FCCM_NB resistor
which is used to set the VID-on-the-Fly slew rate as well. See “VID-
on-the-Fly Slew Rate Selection” on page 21 for more details on
selecting the FCCM_NB resistor. PGOOD is asserted high at the
end of the soft-start ramp.
Voltage Regulation and Load Line
Implementation
After the soft-start sequence, the ISL62773 regulates the output
voltages to the pre-PWROK metal VID programmed, see Table 6.
The ISL62773 controls the no-load output voltage to an accuracy
of ±0.5% over the range of 0.75V to 1.55V. A differential amplifier
allows voltage sensing for precise voltage regulation at the
microprocessor die.
VDD
SVC
SVD
ENABLE
PWROK
VCORE/ VCORE_NB
1
7
8
FIGURE 12. SVI INTERFACE TIMING DIAGRAM: TYPICAL PRE-PWROK METAL VID START-UP
PGOOD & PGOOD_NB
3
4
2
5
6
METAL_VID
V_SVI
Interval 1 to 2: ISL62773 waits to POR.
Interval 2 to 3: SVC and SVD are externally set to pre-Metal VID code.
Interval 3 to 4: ENABLE locks pre-Metal VID code. Both outputs soft-start to this level.
Interval 4 to 5: PGOOD signal goes HIGH, indicating proper operation.
Interval 6 to 7: SVC and SVD data lines communicate change in VID code.
Interval 7 to 8: ISL62773 responds to VID-ON-THE-FLY code change and issues a VOTF for positive VID changes.
Interval 5 to 6: PGOOD and PGOOD_NB high is detected and PWROK is taken high. The ISL62773 is prepared for SVI commands.
SVT
Telemetry
Telemetry
VOTF
Post 8: Telemetry is clocked out of the ISL62773.
VDD
ENABLE
DAC
8ms
MetalVID
SLEW RATE
VID COMMAND
VOLTAGE
PGOOD
PWROK
VIN
FIGURE 13. TYPICAL SOFT-START WAVEFORMS


Similar Part No. - ISL62773HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL62773HRZ RENESAS-ISL62773HRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773HRZ-T INTERSIL-ISL62773HRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL62773HRZ-TS2705 INTERSIL-ISL62773HRZ-TS2705 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL62773HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com