Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62773 Datasheet(PDF) 30 Page - Intersil Corporation

Part # ISL62773
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62773 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button ISL62773 Datasheet HTML 26Page - Intersil Corporation ISL62773 Datasheet HTML 27Page - Intersil Corporation ISL62773 Datasheet HTML 28Page - Intersil Corporation ISL62773 Datasheet HTML 29Page - Intersil Corporation ISL62773 Datasheet HTML 30Page - Intersil Corporation ISL62773 Datasheet HTML 31Page - Intersil Corporation ISL62773 Datasheet HTML 32Page - Intersil Corporation ISL62773 Datasheet HTML 33Page - Intersil Corporation ISL62773 Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ISL62773
30
March 7, 2012
FN8263.0
Resistor Current-Sensing Network
Figure 28 shows the resistor current-sensing network for a
3-phase solution. Each inductor has a series current sensing
resistor, Rsen. Rsum and Ro are connected to the Rsen pads to
accurately capture the inductor current information. The Rsum
and Ro resistors are connected to capacitor Cn. Rsum and Cn
form a filter for noise attenuation. Equations 23 thru 25 give the
VCn(s) expression.
Transfer function ARsen(s) always has unity gain at DC.
Current-sensing resistor Rsen value does not have significant
variation over-temperature, so there is no need for the NTC
network.
The recommended values are Rsum = 1k and Cn = 5600pF.
Overcurrent Protection
Refer to Equation 1 on page 17 and Figures 22, 26 and 28;
resistor Ri sets the droop current, Idroop. Tables 1 and 2 show the
internal OCP threshold. It is recommended to design Idroop
without using the Rcomp resistor.
For example, the OCP threshold is 1.5V on the IMON pin. This
translates to 45µA of Isum current or 56.25µA of droop current.
Idroop is designed to be 45µA at full load, so the OCP trip level is
1.25x of the full load current.
For inductor DCR sensing, Equation 26 gives the DC relationship
of Vcn(s) and Io(s):
Substitution of Equation 26 into Equation 1 gives Equation 27:
Therefore:
Substitution of Equation 18 and application of the OCP condition
in Equation 28 gives Equation 29:
where Iomax is the full load current and Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsum = 3.65k, Rp = 11k, Rntcs = 2.61k, Rntc = 10k,
DCR = 0.9m
, Iomax = 65A and Idroopmax = 45µA. Equation 29
gives Ri = 359.
For resistor sensing, Equation 30 gives the DC relationship of
Vcn(s) and Io(s).
Substitution of Equation 30 into Equation 1 gives Equation 31:
Therefore:
Substitution of Equation 32 and application of the OCP condition
in Equation 28 gives Equation 33:
where Iomax is the full load current and Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsen =1m, Iomax = 65A and Idroopmax = 45µA, Equation 33
gives Ri = 481
Load Line Slope
See Figure 14 for load-line implementation.
For inductor DCR sensing, substitution of Equation 27 into
Equation 2 gives the load-line slope expression in Equation 34:
For resistor sensing, substitution of Equation 31 into Equation 2
gives the load line slope expression in Equation 35:
FIGURE 28. RESISTOR CURRENT-SENSING NETWORK
CN
RSUM
RO
DCR
L
DCR
L
RSUM
RO
PHASE2 PHASE3
IO
DCR
L
PHASE1
RO
RSUM
RI
ISUM+
ISUM-
VCN
RSEN
RSEN
RSEN
+
-
V
Cn s

R
sen
N
-------------
I
o s

A
Rsen
s

=
(EQ. 23)
A
Rsen s

1
1
s
sns
-------------
+
-----------------------
=
(EQ. 24)
Rsen
1
R
sum
N
---------------
C
n
-----------------------------
=
(EQ. 25)
V
Cn
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------





I
o
=
(EQ. 26)
I
droop
1
R
i
-----
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------
I
o
=
(EQ. 27)
R
i
R
ntcnet
DCR
I
o
NR
ntcnet
R
sum
N
---------------
+


I
droop
----------------------------------------------------------------------------------
=
(EQ. 28)
R
i
R
ntcs
R
ntc
+
 R
p
R
ntcs
R
ntc
R
p
++
----------------------------------------------------
DCR
I
omax
N
R
ntcs
R
ntc
+
 R
p
R
ntcs
R
ntc
R
p
++
----------------------------------------------------
R
sum
N
---------------
+



I
droopmax
-----------------------------------------------------------------------------------------------------------------------------
=
(EQ. 29)
V
Cn
R
sen
N
-------------
I
o
=
(EQ. 30)
I
droop
1
R
i
-----
R
sen
N
-------------
I
o
=
(EQ. 31)
R
i
R
sen
I
o
NI
droop
---------------------------
=
(EQ. 32)
R
i
R
sen
I
omax
NI
droopmax
--------------------------------------
=
(EQ. 33)
LL
V
droop
I
o
-------------------
R
droop
R
i
-------------------
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------
==
(EQ. 34)
LL
V
droop
I
o
-------------------
R
sen
R
droop
NR
i
---------------------------------------
==
(EQ. 35)


Similar Part No. - ISL62773

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773AHRZ RENESAS-ISL62773AHRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773AIRZ RENESAS-ISL62773AIRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL62773

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com