Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3C-WKW-CWBYA453 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM3C-WKW-CWBYA453
Description  PLCC2 1 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3C-WKW-CWBYA453 Datasheet(HTML) 4 Page - Cree, Inc

  CLM3C-WKW-CWBYA453 Datasheet HTML 1Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 2Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 3Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 4Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 5Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 6Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 7Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 8Page - Cree, Inc CLM3C-WKW-CWBYA453 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC2 1 in 1 SMD LED
CLM3C-WKW/MKW
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of the color coordinates is ±0.01.
Cool White
Bin
Code
Sub-
bin
x
y
W1
Wa
0.2545
0.2480
0.2633
0.2410
0.2545
0.2245
0.2450
0.2290
Wb
0.2633
0.2410
0.2720
0.2340
0.2640
0.2200
0.2545
0.2245
Wc
0.2545
0.2480
0.2640
0.2670
0.2720
0.2575
0.2633
0.2410
Wd
0.2633
0.2410
0.2720
0.2575
0.2800
0.2480
0.2720
0.2340
W2
We
0.2640
0.2670
0.2735
0.2860
0.2808
0.2740
0.2720
0.2575
Wf
0.2720
0.2575
0.2808
0.2740
0.2880
0.2620
0.2800
0.2480
Wg
0.2735
0.2860
0.2830
0.3050
0.2895
0.2905
0.2808
0.2740
Wh
0.2808
0.2740
0.2895
0.2905
0.2960
0.2760
0.2880
0.2620
Bin
Code
Sub-
bin
x
y
W3
Wj
0.2830
0.3050
0.2950
0.3210
0.2998
0.3028
0.2895
0.2905
Wk
0.2895
0.2905
0.2998
0.3028
0.3045
0.2865
0.2960
0.2760
Wm
0.2950
0.3210
0.3070
0.3370
0.3100
0.3150
0.2998
0.3028
Wn
0.2998
0.3028
0.3100
0.3150
0.3130
0.2970
0.3045
0.2865
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345


Similar Part No. - CLM3C-WKW-CWBYA453

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3C-AKW CREE-CLM3C-AKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CTbVa253 CREE-CLM3C-AKW-CTbVa253 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CUbVa353 CREE-CLM3C-AKW-CUbVa353 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-RKW CREE-CLM3C-RKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-RKW-CUaVbAA3 CREE-CLM3C-RKW-CUaVbAA3 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3C-WKW-CWBYA453

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com