Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6217A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6217A
Description  Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6217A Datasheet HTML 3Page - Intersil Corporation ISL6217A Datasheet HTML 4Page - Intersil Corporation ISL6217A Datasheet HTML 5Page - Intersil Corporation ISL6217A Datasheet HTML 6Page - Intersil Corporation ISL6217A Datasheet HTML 7Page - Intersil Corporation ISL6217A Datasheet HTML 8Page - Intersil Corporation ISL6217A Datasheet HTML 9Page - Intersil Corporation ISL6217A Datasheet HTML 10Page - Intersil Corporation ISL6217A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN9107.3
June 30, 2005
Typical Application - 2-Phase Converter
Figure 1 shows a 2-Phase Synchronous Buck Converter
circuit used to provide “CORE” voltage regulation for the
Intel Pentium IV mobile processor using IMVP-IV™ and
IMVP-IV+™ voltage positioning.
The ISL6217A PWM controller can be configured for two or
one channel operation, and the ISL6217A can change the
number of power channels in operation, dynamically. The
number of channels of operation can be changed through
the PWRCH pin. The ISL6217A can be configured for two
channel operation in “Active” mode and one channel
operation in “Deep” and “Deeper Sleep” modes through logic
connections to the PWRCH pin. The following configuration
uses two channel operation in “Active” mode and one
channel operation in “Deep” and “Deeper Sleep” modes.
The circuit shows pin connections for the ISL6217A PWM
controller in the 38 lead TSSOP package.
FIGURE 1. TYPICAL APPLICATION CIRCUIT FOR ISL6217A MULTIPHASE PWM CONTROLLER
VDD
DACOUT
DSV
FSET
PWRCH
EN
DRSEN
DSEN#
VID0
VID1
VID2
VID3
VID4
VID5
PGOOD
EA+
COMP
FB
SOFT
VBAT
ISEN1
PHASE1
UG1
BOOT1
VSSP1
LG1
VDDP
LG2
VSSP2
BOOT2
UG2
PHASE2
ISEN2
VSEN
DRSV
STV
OCSET
VSS
ISL6217A
TSSOP
VR_ON
DPRSLPVR
STP_CPU#
VID
PWRGD
Vbattery
+5VDC
+5VDC
+Vcc_core
ISL6217A


Similar Part No. - ISL6217A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217ACV RENESAS-ISL6217ACV Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACV-T INTERSIL-ISL6217ACV-T Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
More results

Similar Description - ISL6217A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com