Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9555D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9555D
Description  16-bit I2C-bus and SMBus I/O port with interrupt
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9555D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9555D Datasheet HTML 1Page - NXP Semiconductors PCA9555D Datasheet HTML 2Page - NXP Semiconductors PCA9555D Datasheet HTML 3Page - NXP Semiconductors PCA9555D Datasheet HTML 4Page - NXP Semiconductors PCA9555D Datasheet HTML 5Page - NXP Semiconductors PCA9555D Datasheet HTML 6Page - NXP Semiconductors PCA9555D Datasheet HTML 7Page - NXP Semiconductors PCA9555D Datasheet HTML 8Page - NXP Semiconductors PCA9555D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PCA9555_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 22 October 2009
2 of 34
NXP Semiconductors
PCA9555
16-bit I2C-bus and SMBus I/O port with interrupt
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Six packages offered: DIP24, SO24, SSOP24, TSSOP24, HVQFN24 and HWQFN24
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number Package
Name
Description
Version
PCA9555N
DIP24
plastic dual in-line package; 24 leads (600 mil)
SOT101-1
PCA9555D
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9555DB
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
PCA9555PW
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9555BS
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-1
PCA9555HF
HWQFN24 plastic thermal enhanced very very thin quad flat
package; no leads; 24 terminals; body 4
× 4 × 0.75 mm
SOT994-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9555N
PCA9555
−40 °C to +85 °C
PCA9555D
PCA9555D
−40 °C to +85 °C
PCA9555DB
PCA9555
−40 °C to +85 °C
PCA9555PW
PCA9555
−40 °C to +85 °C
PCA9555BS
9555
−40 °C to +85 °C
PCA9555HF
P55H
−40 °C to +85 °C


Similar Part No. - PCA9555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555D PHILIPS-PCA9555D Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555D NXP-PCA9555D Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D NXP-PCA9555D Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555DB PHILIPS-PCA9555DB Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
More results

Similar Description - PCA9555D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com