Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S1DPD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK60S1DPD
Description  600V - 8A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S1DPD Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK60S1DPD Datasheet HTML 1Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 2Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 3Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 4Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 5Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 6Page - Renesas Technology Corp RJK60S1DPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK60S1DPD
Preliminary
R07DS0853EJ0004 Rev.0.04
Page 2 of 6
Nov 30, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
600
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
mA
VDS = 600 V, VGS = 0
Gate to source leak current
IGSS
±0.1
AV
GS = +30V, 20 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3
5
V
VDS = 10 V, ID = 1 mA
RDS(on)
0.84
1.05
ID = 2.2 A, VGS = 10 V
Note5
Static drain to source on state
resistance
RDS(on)
2.10
Ta = 150
C
ID = 2.2 A, VGS = 10 V
Note5
Gate resistance
Rg
3.4
f = 1 MHz
VDS = 25 V, VGS = 0
Input capacitance
Ciss
380
pF
Output capacitance
Coss
500
pF
Reverse transfer capacitance
Crss
2.1
pF
VDS = 25 V
VGS = 0
f = 100 kHz
Turn-on delay time
td(on)
9
ns
Rise time
tr
15
ns
Turn-off delay time
td(off)
22
ns
Fall time
tf
61
ns
ID = 2.2 A
VGS = 10 V
RL = 136 
Rg = 10
Note5
Total gate charge
Qg
9.3
nC
Gate to source charge
Qgs
2.1
nC
Gate to drain charge
Qgd
4.5
nC
VDD = 480 V
VGS = 10 V
ID = 1 A
Note5
Body-drain diode forward voltage
VDF
1.0
1.6
V
IF = 4.4 A, VGS = 0
Note5
Body-drain diode reverse recovery time
trr
210
ns
Body-drain diode reverse recovery
current
Irr
14.5
A
Body-drain diode reverse recovery
charge
Qrr
1.7
C
IF = 4.4 A
VGS = 0
diF/dt = 100 A/s
Note5
Notes: 5. Pulse test


Similar Part No. - RJK60S1DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0T2 RENESAS-RJK60S1DPP-E0T2 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S1DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S7DPK-M0 RENESAS-RJK60S7DPK-M0 Datasheet
99Kb / 8P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S7DPP-E0 RENESAS-RJK60S7DPP-E0 Datasheet
88Kb / 7P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S8DPK-M0 RENESAS-RJK60S8DPK-M0 Datasheet
84Kb / 7P
   600V - 110A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com