Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEB-2DMD-DANL-000-ESA Datasheet(PDF) 7 Page - CUI INC

Part # NEB-2DMD-DANL-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-2DMD-DANL-000-ESA Datasheet(HTML) 7 Page - CUI INC

Back Button NEB-2DMD-DANL-000-ESA Datasheet HTML 3Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 4Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 5Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 6Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 7Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 8Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 9Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 10Page - CUI INC NEB-2DMD-DANL-000-ESA Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
cui.com
date 02/20/2013
│ page 7 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12 V, 22 A, 264 W
Efficiency
PowerDissipation
75
80
85
90
95
100
05
10
15
20
25 [A]
[%]
36 V
48 V
53 V
75 V
0
4
8
12
16
20
05
10
15
20
25 [A]
[W]
36 V
48 V
53 V
75 V
Efficiency vs. load current and input voltage at TP1 = +25°C.
Dissipated power vs. load current and input voltage at
TP1 = +25°C.
Output CharacteristicsCurrent Limit Characteristics
11.80
11.90
12.00
12.10
12.20
05
10
15
20
25 [A]
[V]
36 V
48 V
53 V
75 V
0.00
3.00
6.00
9.00
12.00
15.00
15
18
21
24
27 [A]
[V]
36 V
48 V
53 V
75 V
Output voltage vs. load current at TP1 = +25°C.
Output voltage vs. load current at IO > max IO , TP1 = +25°C.


Similar Part No. - NEB-2DMD-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEB-200NMA-DANH-000-ESA CUI-NEB-200NMA-DANH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DBNH-000-ESA CUI-NEB-200NMA-DBNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DCNH-000-ESA CUI-NEB-200NMA-DCNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DDNH-000-ESA CUI-NEB-200NMA-DDNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DENH-000-ESA CUI-NEB-200NMA-DENH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NEB-2DMD-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com