Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEB-999DWD-DANL-000-ESA Datasheet(PDF) 9 Page - CUI INC

Part # NEB-999DWD-DANL-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-999DWD-DANL-000-ESA Datasheet(HTML) 9 Page - CUI INC

Back Button NEB-999DWD-DANL-000-ESA Datasheet HTML 5Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 6Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 7Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 8Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 9Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 10Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 11Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 12Page - CUI INC NEB-999DWD-DANL-000-ESA Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
cui.com
date 02/20/2013
│ page 9 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12 V, 22 A, 264 W
Output Current Derating –Open frame
0
5
10
15
20
25
020406080100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
Available load current vs. ambient air temperature and airflow at
VI =53V. See Thermal Consideration section.
Output Current Derating –Base plateThermal Resistance –Base plate
0
5
10
15
20
25
020406080
100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
1
2
3
4
5
6
0.00.5
1.01.5
2.02.5
3.0[m/s]
[°C/W]
Available load current vs. ambientair temperature and airflow at
VI =53V. See Thermal Consideration section.
Thermal resistance vs. airspeed measured at the converter. Tested in
wind tunnel with airflow and test conditions as per the Thermal
consideration section. VI
Output Current Derating –Base plate + Heat sink
=53V.
Output Current Derating –Cold wall sealed box
0
5
10
15
20
25
020406080100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
5
10
15
20
25
020406080100 [°C]
A
Tamb
85°C
Available load current vs. base plate temperature.
VI =53V. See Thermal Consideration section. Tested with Plate Fin
Transverse heatsink, height 0.23 In, P0114 Thermal Pad.
Available load current vs. base plate temperature at 85ºC ambient.
VI = 53 V. See Thermal Consideration section.


Similar Part No. - NEB-999DWD-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEB-999NMA-DANH-000-ESA CUI-NEB-999NMA-DANH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-999NMA-DBNH-000-ESA CUI-NEB-999NMA-DBNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-999NMA-DCNH-000-ESA CUI-NEB-999NMA-DCNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-999NMA-DDNH-000-ESA CUI-NEB-999NMA-DDNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-999NMB-DANH-000-ESA CUI-NEB-999NMB-DANH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NEB-999DWD-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com