Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BH30FB1WHFV-TR Datasheet(PDF) 5 Page - Rohm

Part No. BH30FB1WHFV-TR
Description  Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BH30FB1WHFV-TR Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
°
°
°
Block diagrams
Power supply input
Ground
Output voltage ON/OFF control
(High: ON, Low: OFF)
NO CONNECT
Voltage output
Output voltage ON/OFF control
(High: ON, Low: OFF)
Ground
Power supply input
Voltage output
NO CONNECT
Power supply input
Voltage output
Voltage output
Noise reducing capacitor
ground terminal
Ground
Output voltage ON/OFF control
(High: ON, Low: OFF)
Terminal No. Terminal Name Function
Power dissipation Pd
1. Power dissipation
Power dissipation calculation include estimates of power dissipation characteristics and internal IC power consumption
and should be treated as guidelines. In the event that the IC is used in an environment where this power dissipation is
exceeded, the attendant rise in the junction temperature will trigger the thermal shutdown circuit, reducing the current
capacity and otherwise degrading the IC's design performance. Allow for sufficient margins so that this power dissipation
is not exceeded during IC operation.
Calculating the maximum internal IC power consumption (PMAX)
Input voltage
Output voltage
Output current
2. Power dissipation characteristics (Pd)
Board: 70 mm X 70 mm X 1.6 mm
Material: Glass epoxy PCB
Board: 70 mm X 70 mm X 1.6 mm
Material: Glass epoxy PCB
Board: 70 mm X 70 mm X 1.6 mm
Material: Glass epoxy PCB
Fig. 26: HVSOF6
Power Dissipation/
Power Dissipation Reduction (Example)
Fig. 27: HVSOF5
Power Dissipation/
Power Dissipation Reduction (Example)
Fig. 28: SSOP5
Power Dissipation/
Power Dissipation Reduction (Example)
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn