Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX53 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BCX53
Description  80 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX53 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BCX53 Datasheet HTML 4Page - NXP Semiconductors BCX53 Datasheet HTML 5Page - NXP Semiconductors BCX53 Datasheet HTML 6Page - NXP Semiconductors BCX53 Datasheet HTML 7Page - NXP Semiconductors BCX53 Datasheet HTML 8Page - NXP Semiconductors BCX53 Datasheet HTML 9Page - NXP Semiconductors BCX53 Datasheet HTML 10Page - NXP Semiconductors BCX53 Datasheet HTML 11Page - NXP Semiconductors BCX53 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
8 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
FR4 PCB, mounting pad for collector 6 cm2
Fig 6.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT223;
typical values
FR4 PCB, standard footprint
Fig 7.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aac679
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
006aac680
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Foshan Blue Rocket Elec...
BCX53 FOSHAN-BCX53 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Nanjing International G...
BCX53 DGNJDZ-BCX53 Datasheet
278Kb / 2P
   PNP M edium P ow er Transistors
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53-16 NXP-BCP53-16 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCX53-16 NXP-BCX53-16 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com