Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91512-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 91512-1
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

91512-1 Datasheet(HTML) 4 Page - Tyco Electronics

  91512-1 Datasheet HTML 1Page - Tyco Electronics 91512-1 Datasheet HTML 2Page - Tyco Electronics 91512-1 Datasheet HTML 3Page - Tyco Electronics 91512-1 Datasheet HTML 4Page - Tyco Electronics 91512-1 Datasheet HTML 5Page - Tyco Electronics 91512-1 Datasheet HTML 6Page - Tyco Electronics 91512-1 Datasheet HTML 7Page - Tyco Electronics 91512-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
Connector/Terminal to Tool Reference, continued
Connector/
Max.
Hand Tool Part Numbers
Die Set for
Terminal
Style
Wire Range
Insul. Dia.
DAHT
TETRA-CRIMP
T-HEAD
HHHT
Tool
AWG
mm2
in
mm
Frame
PIDG FASTON
22-18
0.3-0.8
.100
2.54
Receptacles
Insulated
16-14
1.25-2
.170
4.32
——
59824-1
(6409
P/N Series Only)
12-10
3-5
.250
6.35
PIDG
26-22
0.12-0.3
.082
2.08
46121
59275
693441
Terminals and Splices,
Insulated
22-16
0.3-1.25
.125
3.18
47386
59824-1
59250
47806-21
PLASTI-GRIP
16-14
1.25-2
.150
3.81
47387
59824-1
59250
47807-11
Terminals
12-10
3-5
.230
5.84
59824-1
59239-4
47808-61
PLASTI-GRIP
26-22
0.12-0.3
.080
2.03
46121
Butt Splices
Insulated
22-16
0.3-1.25
.170
4.32
45160
16-14
1.25-2
.215
5.46
45575-1
AMPLI-BOND
Terminals,
PLASTI-GRIP
Insulated
8
7
.377
9.58
69959
Terminals
PLASTI-STRIP
22-18
0.3-0.8
.135
3.43
58079-3
2
Terminals,
Insulated
Ultra-Fast Plus
16-14
1.25-2
.160
4.06
58080-3
2
FASTON Receptacles
Ultra-Fast FASTON
Insulated
22-18
0.3-0.8
.230
5.84
90390-32
Tabs and Receptacles
16-14
1.25-2
.260
6.60
90391-32
22-16
0.3-1.25
49935
478121
SOLISTRAND
Uninsulated
16-14
1.25-2
49935
478131
Terminals and Splices
12-10
3-5
49935
8
7
69355
1
Use with “C” Head Straight Action Hand Tool, Part Number 69710-1.
2
Use with Platform Die Hand Tool, Part Number 58078-3.


Similar Part No. - 91512-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
91512-1 MACOM-91512-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 91512-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8547 TEC-408-8547 Datasheet
137Kb / 4P
   CERTI-CRIMP II Straight Action Hand Tools
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
TE Connectivity Ltd
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
Molex Electronics Ltd.
0638161920 MOLEX-0638161920 Datasheet
36Kb / 1P
   Power Crimp Adapter for Type 4D Hand Crimp Tools
08/26/2022
0638161950 MOLEX-0638161950 Datasheet
33Kb / 1P
   Power Crimp Adapter for Type 4A Hand Crimp Tools
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com