Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

58342-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 58342-2
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

58342-2 Datasheet(HTML) 5 Page - Tyco Electronics

  58342-2 Datasheet HTML 1Page - Tyco Electronics 58342-2 Datasheet HTML 2Page - Tyco Electronics 58342-2 Datasheet HTML 3Page - Tyco Electronics 58342-2 Datasheet HTML 4Page - Tyco Electronics 58342-2 Datasheet HTML 5Page - Tyco Electronics 58342-2 Datasheet HTML 6Page - Tyco Electronics 58342-2 Datasheet HTML 7Page - Tyco Electronics 58342-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
CERTI-CRIMP Tooling Options
Double Action Hand Tool (DAHT)
Dies travel in arc-like path
Locator on tools for FASTON, MATE-N-LOK,
PIDG and PLASTI-GRIP
Insulation adjustment on tools for
FASTON, MATE-N-LOK, PIDG and
PLASTI-GRIP terminals
Approx. weight 1.2 lb [0.54 kg]
T-HEAD Hand Tool
Dies close in a straight line
Locator
Quick take-up on handle for holding
terminal or splice in place
Adjust insulation crimp with a 4-position
screw
Color coded
Approx. weight 1.3 lb [0.59 kg]
Heavy Head Hand Tool (HHHT)
Designed to terminate most large coaxial cable
and heavy-gage wire
Dies close in a straight line
Locator and wire stop when applicable
Insulation adjustment on tools for
AMPLI-BOND, PIDG and PLASTI-GRIP
Approx. weight 2.1 lb [0.95 kg]
TETRA-CRIMP Hand Tool Part No. 59824-1
Dies travel in arc-like path
Multiple color-coded crimping cavities
Terminal locator and wire stop
Ratchet control release
Approx. weight 1.4 lb [0.64 kg]
Platform Die Hand Tool Part No. 58078-3
Same frame configuration as
TETRA-CRIMP Hand Tool
Dies are interchangeable
Adjustable terminal locator
Approx. weight 1.4 lb [0.64 kg]
"C" Head Straight Action Hand Tool
Part No. 69710-1
Dies close in a straight line
Dies are interchangeable
Locators and other applicable features
included with dies
Approx. weight 1.9 lb [0.86 kg]
Straight Action Hand Tool (SAHT)
Dies close in a straight line
Contact locator and support
Wire stop
Insulation crimp adjustment
(4 positions)
Ejects crimped contact
Approx.weight 1.3 lb [0.59 kg]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn