Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

58342-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 58342-2
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

58342-2 Datasheet(HTML) 7 Page - Tyco Electronics

  58342-2 Datasheet HTML 1Page - Tyco Electronics 58342-2 Datasheet HTML 2Page - Tyco Electronics 58342-2 Datasheet HTML 3Page - Tyco Electronics 58342-2 Datasheet HTML 4Page - Tyco Electronics 58342-2 Datasheet HTML 5Page - Tyco Electronics 58342-2 Datasheet HTML 6Page - Tyco Electronics 58342-2 Datasheet HTML 7Page - Tyco Electronics 58342-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
Extraction Tool
Part No. 318851-1
Extraction Tool
Part No. 455822-2
Extraction Tool
Part No. 465644-1
Extraction/Lance Reset Tool
Part No. 843996-3
Insertion/Extraction Tools
Universal Handle
Part No. 465629- *
Insertion/Extraction Tool
Part No. 91285-1
Extraction Tool
Part No. 305183
*For Universal Handle (with
adjustable strap) with short tip
holder (1.87 [47.5]), specify “-1”
suffix; with long tip holder (5.87
[149]), specify “-2” suffix.
Requires Installation Tip:
Part Number 465468-1
(
≤ .185 [4.7] insul. dia. and/or
crimp width) or
Part No. 465488-1 (
> .185 [4.7]
insul. dia. and/or crimp width).
LightKnack for CERTI-CRIMP II Hand Tools
• Featured on All CERTI-CRIMP II Tools
• Illuminates the Crimp Area
• Eases the termination process
• Magnetic for a secure placement while maintaining
flexibility
• Applicable for any Metallic Tool Surface
• Available separately in packs of 3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn