Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA78R05TSTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA78R05TSTU
Description  Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R05TSTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA78R05TSTU Datasheet HTML 1Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 2Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 3Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 4Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 5Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R05TSTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA78R05
2
Absolute Maximum Ratings
Electrical Characteristics
(Vin = 7V, Io = 0.5A, Ta = 25
°C, unless otherwise specified)
Note:
1.These parameters, although guaranteed, are not 100% tested in production.
2. Junction -to -case thermal resistance test enviroments.
-. Pneumatic heat sink fixture.
-. Clamping pressure 60psi through 12mm diameter cylinder.
-. Thermal grease applied between PKG and heat sink fixture
Parameter
Symbol
Value
Unit
Remark
Input Voltage
Vin
35
V
-
Disable Voltage
Vdis
35
V
-
Output Current
Io
1.0
A
-
Power Dissipation 1
Pd1
1.5
W
No Heatsink
Power Dissipation 2
Pd2
15
W
With Heatsink
Junction Temperature
Tj
+150
°C-
Operating Temperature
Topr
-20 ~ +80
°C-
Thermal Resistance, Junction-to Case (Note2)
R
θjc
4.31
°C/W
-
Thermal Resistance, Junction-to-Air (Note2)
R
θja
48.83
°C/W
-
Thermal Shutdown Temperature
Ttsd
150
°C-
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vo
-
4.88
5
5.12
V
Load Regulation
Rload
5mA < Io < 1A
-
0.1
2.0
%
Line Regulation
Rline
6V < Vin < 12V
-
0.5
2.5
%
Ripple Rejection Ratio
RR
note1
45
55
-
dB
Dropout Voltage
Vdrop
Io = 1A
-
-
0.5
V
Disable Voltage High
VdisH
Output Active
2.0
-
-
V
Disable Voltage Low
VdisL
Output Disabled
-
-
0.8
V
Disable Bias Current High
IdisH
Vdis = 2.7V
-
-
20
µA
Disable Bias Current Low
IdisL
Vdis = 0.4V
-
-
-0.4
mA
Quiescent Current
Iq
Io = 0A
-
-
10
mA


Similar Part No. - KA78R05TSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05C FAIRCHILD-KA78R05C Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05CTSTU FAIRCHILD-KA78R05CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05CTSTU FAIRCHILD-KA78R05CTSTU Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05CTU FAIRCHILD-KA78R05CTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Similar Description - KA78R05TSTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com