Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQB-1DMC-DCNJ-000-ESA Datasheet(PDF) 8 Page - CUI INC

Part # NQB-1DMC-DCNJ-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-1DMC-DCNJ-000-ESA Datasheet(HTML) 8 Page - CUI INC

Back Button NQB-1DMC-DCNJ-000-ESA Datasheet HTML 4Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 5Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 6Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 7Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 8Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 9Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 10Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 11Page - CUI INC NQB-1DMC-DCNJ-000-ESA Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
cui.com
date 02/20/2013
│ page 8 of 36
CUI Inc
│ SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12.0 V, 35 A / 420 W
n
w
o
d
-t
u
h
S
p
u
-t
r
a
t
S
Start-up enabled by connecting VI at:
TP1, TP3 = +25°C, VI = 53 V,
IO = 35 A resistive load.
Top trace: output voltage (5 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (10 ms/div.).
Shut-down enabled by disconnecting VI at:
TP1, TP3 = +25°C, VI = 53 V,
IO =35 A resistive load.
Top trace: output voltage (5 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (2 ms/div.).
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
d
a
o
L
t
u
p
t
u
O
e
s
i
o
N
&
e
l
p
p
i
R
t
u
p
t
u
O
Output voltage ripple at:
TP1, TP3 = +25°C, VI = 53 V,
IO = 35 A resistive load.
Trace: output voltage (50 mV/div.).
Time scale: (2 µs/div.).
Output voltage response to load current
step-change (8.75-26.25-8.75 A) at:
TP1, TP3 =+25°C, VI = 53 V, CO = 3.5 mF.
Top trace: output voltage (0.5 V/div.).
Bottom trace: output current (20 A/div.).
Time scale: (0.5 ms/div.).
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
e
g
a
tl
o
V
t
u
p
n
I
Output voltage response to input voltage
transient at:
TP1, TP3 = +25°C, VI = 36-75 V,
IO = 17 A resistive load, CO = 3.5 mF
Top trace: output voltage (2 V/div.).
Bottom trace: input voltage (20 V/div.).
Time scale: (0.5 ms/div.).


Similar Part No. - NQB-1DMC-DCNJ-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-100NWA-DANH-000-ESA CUI-NQB-100NWA-DANH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DANL-000-ESA CUI-NQB-100NWA-DANL-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DAPH-000-ESA CUI-NQB-100NWA-DAPH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DBNH-000-ESA CUI-NQB-100NWA-DBNH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DBNL-000-ESA CUI-NQB-100NWA-DBNL-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NQB-1DMC-DCNJ-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264DWA-AN CUI-NEB-264DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com