Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQB-1DWA-DCNJ-000-ESA Datasheet(PDF) 1 Page - CUI INC

Part # NQB-1DWA-DCNJ-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-1DWA-DCNJ-000-ESA Datasheet(HTML) 1 Page - CUI INC

  NQB-1DWA-DCNJ-000-ESA Datasheet HTML 1Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 2Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 3Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 4Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 5Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 6Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 7Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 8Page - CUI INC NQB-1DWA-DCNJ-000-ESA Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
cui.com
date 02/20/2013
page 1 of 36
SERIES: NQB-D
│ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
FEATURES
• quarter-brick with
digital PMBus interface
57.9 x 36.8 x 11.3 mm
(2.28 x 1.45 x 0.445 in)
• industry standard 5-pins for
intermediate bus architectures
• industry-leading power density for
telecom and datacom 127~141W / sq. in
• high efficiency, typ. 96.4% at half load,
12 Vout
• fully regulated advanced bus converter
from 36~75Vin
• 2,250 Vdc input to output isolation
• fast feed forward regulation to manage
line transients
• optional baseplate for high temperature
applications
• droop load sharing with 10% current
share accuracy
• PMBus Revision 1.2 compliant
• 2.9 million hours MTBF
• ISO 9001/14001 certified supplier
• Ericsson BMR453 & BMR456 compatible
MODEL
input voltage
output voltage
output current
output wattage
(Vdc)
(Vdc)
max
(A)
max
(W)
NQB-420DWA-AN
36~75
12
35
420
NQB-468DMA-AN
40~60
12
39
468
NQB-415DWB-AN
36~75
12.45
35
415
NQB-462DMB-AN
40~60
12.45
39
462
GENERAL CHARACTERISTICS
• configurable soft start/stop
• precision delay and ramp-up
• voltage margining
• voltage/current/temperature monitoring
• configurable output voltage
• configurable fault response
• power good


Similar Part No. - NQB-1DWA-DCNJ-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-100NWA-DANH-000-ESA CUI-NQB-100NWA-DANH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DANL-000-ESA CUI-NQB-100NWA-DANL-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DAPH-000-ESA CUI-NQB-100NWA-DAPH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DBNH-000-ESA CUI-NQB-100NWA-DBNH-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100NWA-DBNL-000-ESA CUI-NQB-100NWA-DBNL-000-ESA Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NQB-1DWA-DCNJ-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264DWA-AN CUI-NEB-264DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com