Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA78LXXA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KA78LXXA
Description  3-terminal 0.1A positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78LXXA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA78LXXA Datasheet HTML 1Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 2Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 3Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 4Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 5Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 6Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 7Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 8Page - Fairchild Semiconductor KA78LXXA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.5
Features
• Maximum Output Current of 100mA
• Output Voltage of 5V, 6V, 8V, 9V,10V, 12V, 15V, 18V and
24V
• Thermal Overload Protection
• Short Circuit Current Limiting
• Output Voltage Offered in ±5% Tolerance
Description
The KA78LXXA/KA78L05AA series of fixed voltage
monolithic integrated circuit voltage regulators are suitable
for application that required supply current up to 100mA.
TO-92
1. Output 2. GND 3. Input
8-SOP
1. Output 2. GND 3. GND 4. NC
5. NC 6. GND 7. GND 8. Input
1
1
SOT-89
1
GND
2 3
2 3
8
Internal Block Diagram
VI
3
2
GND
V0
1
I
RSC
REFERENCE VOLTAGE
SHORT CIRCUIT
PROTECTION
THERMAL SHUTDOWN
CIRCUIT
+
-
Inpu
t
Outpu
t
KA78LXXA/KA78L05AA
3-Terminal 0.1A Positive Voltage Regulator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA78L24A 3-Terminal 0.1A Positive Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
KA78LXXA 3-Terminal 0.1A Positive Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
NJM78L00 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More New Japan Radio
NTE958 Integrated Circuit 3-Terminal Positive Voltage Regulator 18V 1  2  NTE Electronics
LM350 3-Terminal 3A Positive Adjustable Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
H7806AJ 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
H78M05AT 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
TS7800 3-Terminal Fixed Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
AS78XX 3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn