Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78-1000 Datasheet(PDF) 3 Page - CUI INC

Part # V78-1000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-1000 Datasheet(HTML) 3 Page - CUI INC

  V78-1000 Datasheet HTML 1Page - CUI INC V78-1000 Datasheet HTML 2Page - CUI INC V78-1000 Datasheet HTML 3Page - CUI INC V78-1000 Datasheet HTML 4Page - CUI INC V78-1000 Datasheet HTML 5Page - CUI INC V78-1000 Datasheet HTML 6Page - CUI INC V78-1000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
CUI Inc
│ SERIES: V78-1000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 04/22/2013
│ page 3 of 7
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
11.50 x 9.00 x 17.50 (0.689 x 0.354 x 0.453 inch)
mm
case material
plastic (UL94-V0)
weight
3.7
g
V78XX-1000
V78XX-1000R
(BottomView)
0.30
[0.012]
0.50 [0.020]
4.10 [0.161]
17.50[0.689]
2.15
[0.085]
5.08 [0.200]
12
3
9.00 [0.354]
2.15
[0.085]
4.10[0.161]
9.00 [0.354]
11.50[0.453]
17.50 [0.689]
5.08 [0.200]
11.50[0.453]
1.50
[0.059]
1 2 3
(BottomView)
2.54 [0.100]
1.00 [0.039]
12
3
5.08 [0.200]
1.00 [0.039]
1.35 [0.053]
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
GND
3
+Vo
units: mm [inches]
tolerance: ±0.25 [0.010]
pin section tolerance: ±0.10 [0.004]
100
80
60
40
20
Ambient Temperature (°C)
-40-20
020406071
85
100
120
DERATING CURVES
1. output power vs. ambient temperature


Similar Part No. - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000-SMT CUI-V78-1000-SMT_V01 Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com