Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242-036 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 242-036
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-036 Datasheet(HTML) 3 Page - Tyco Electronics

  242-036 Datasheet HTML 1Page - Tyco Electronics 242-036 Datasheet HTML 2Page - Tyco Electronics 242-036 Datasheet HTML 3Page - Tyco Electronics 242-036 Datasheet HTML 4Page - Tyco Electronics 242-036 Datasheet HTML 5Page - Tyco Electronics 242-036 Datasheet HTML 6Page - Tyco Electronics 242-036 Datasheet HTML 7Page - Tyco Electronics 242-036 Datasheet HTML 8Page - Tyco Electronics 242-036 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
240 Series DIN Panel Meters
10
Moving Iron A.C. Ammeters and Voltmeters
Designed to measure A.C. current or voltage, these meters indicate true r.m.s. values
and are substantially independent of system waveform. Scales are calibrated down
to 20%, and ammeters can have overload scales x2, x3, x5 or x6 for motor start duty.
Ammeters can be supplied for use with -/1A or -/5A current transformers, whilst
voltmeters can be scaled for use with voltage transformers. Heavy damping is
available as an option. Meters can be used to measure D.C. at reduced accuracy.
Specification – Short Scale
Accuracy:
Class 1.5
Frequency:
50 or 60Hz, (400Hz on request)
Burden at 50Hz:
Ammeters: 0.5VA
Voltmeters: Up to 4.5VA maximum
Ratings:
Ammeters: 0.5A to 100A A.C. direct connected (40A for
242-75A and 246-07A). Maximum system voltage
720V A.C. Low load / high middle maximum 10A
Voltmeters: 6V to 600V
Product Codes – Short Scale
Bezel Size mm
48
72
96
144
Scale length mm
42
65
94
145
Product Codes
A.C. ammeter
242-75A
243-02A
244-02A
246-07A
x2 overload ammeter
242-752
243-022
244-022
246-072
x3 overload ammeter
242-753
243-023
244-023
246-073
x5 overload ammeter
242-755
243-025
244-025
246-075
x6 overload ammeter
242-756
243-026
244-026
246-076
Low load ammeter
243-02H
244-02H
A.C. voltmeter
242-75V
243-02V
244-02V
246-07V
Low middle voltmeter
243-02M
244-02M
Specification – Long Scale
Accuracy:
Class 1.5
Frequency:
50 or 60Hz, (400Hz on request)
Burden at 50Hz:
Ammeters: 1.5VA
Voltmeters: 4.5VA maximum
Ratings:
Ammeters: 0.5A to 25A A.C. direct connected
Maximum system voltage 720V A.C. Low load / high
middle (maximum 10A)
Voltmeters: 6V to 600V A.C.
Product Codes – Long Scale
Bezel Size mm
48
72
96
144
Scale length mm
72
112
150
230
Product Codes
Ammeter
242-03A
243-03A
244-03A
246-03A
x2 overload ammeters
242-032
243-032
244-032
246-032
x3 overload ammeters
242-033
243-033
244-033
246-034
x5 overload ammeters
242-035
243-035
244-035
246-035
x6 overload ammeters
242-036
243-036
244-036
246-036
Low load ammeters
243-03H
244-03H
Voltmeter
242-03V
243-03V
244-03V
246-03V
Connections
A.C. Ammeter
A.C. Voltmeter


Similar Part No. - 242-036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-036

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com