Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242-036 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 242-036
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-036 Datasheet(HTML) 2 Page - Tyco Electronics

  242-036 Datasheet HTML 1Page - Tyco Electronics 242-036 Datasheet HTML 2Page - Tyco Electronics 242-036 Datasheet HTML 3Page - Tyco Electronics 242-036 Datasheet HTML 4Page - Tyco Electronics 242-036 Datasheet HTML 5Page - Tyco Electronics 242-036 Datasheet HTML 6Page - Tyco Electronics 242-036 Datasheet HTML 7Page - Tyco Electronics 242-036 Datasheet HTML 8Page - Tyco Electronics 242-036 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
240 Series DIN Panel Meters
9
DIN 16257 symbol meaning for
calibration position
Vertical
Horizontal
Inclined
60°
Inclination of dial surface to the
horizontal e.g 60°.
Required orientation must always be
stated when ordering if other than
vertical mounting is required.
Specification Continued
Case
Dimensions and panel cutout conform to IEC473, DIN
43700. Models 242, 243 and 244 have cases and bezels
injection moulded in flame retardant engineering
thermoplastic, recognised by Underwriters Laboratory
materials specification. All 246 models have pressed
steel cases.
Bezel
Slim-line DIN43802 black as standard
Bezel Window
Standard sheet glass, with zero adjusters where
appropriate. Non reflecting glass or polycarbonate
shatterproof windows are available.
Installation
Installations in switchboard panel or mosaic
arrangement on equipment or machine with a panel
thickness of up to 40mm in a horizontal or vertical
plane. Installation Category III
Fixing on Panel
Models 242, 243 and 244 – 2 corner fixing clamps and
tensioning thumb screws
Model 242 – available with a one piece ‘push on’ clamp.
Model 246 - 2 side fixing spring clips
Mounting Position
Normal vertical mounting or as indicated on the scale
in accordance with DIN 16257. A deviation of ±15° is
permissible
Approvals
Lloyds Shipping (LRS), Bureau Veritas (BV), EMC and LVD
Dimensions
Model
242
243
244
246
Bezel ‘A’
48 x 48
72 x 72
96 x 96
144 x 144
Panel cut-out ‘B’
45 x 45
68 x 68
92 x 92
138 x 138
Scale Length: 90°
42
65
94
145
Scale Length: 240°
72
112
150
230
Maximum overall depth ‘C’:
Ammeters and Voltmeters A.C. & D.C.*
64
64
64
60
Ammeters and Voltmeters with switch*
––
64
Dual Meters*
64
Elapsed Time Meter/Hours Run*
64
64
64
Maximum Demand Indicator*
64
64
60
Combined MDI & MI Indicator*
64
60
Maximum Demand Indicator with relay*
––
90
Frequency Meter 90°*
64
64
64
60
Frequency Meter 240°*
§
§
120
125
Phase Angle, Power Factor Meter 90°*
§
§
107
§
240°*
§
§
107
§
M.C. Indicator with separate transducer*
64
64
64
60
Dynamometer 360° Synchroscope*
120
125
Dynamometer 360° Power Factor Meter*
120
Phase Sequence Indicator*
64
64
Position Indicator*
§
§
120
125
Speed Indicator*
64
64
64
60
Temperature Indicators*
120
125
Quadra Meters*
64
Impulse Counters*
64
64
64
Wattmeter, Varmeter 90°
§
§
107
125
Wattmeter, Varmeter 240°
§
§
107
125
Model 244-21Y & 244-21Z
142
LED Synchroscope & Synchro Check Relay
––
80
LED 360° Synchroscope
80
§
Indicator Only
*
If separate terminal cover is used add 20 mm to dimension C
Not available
Panel cut-out
Maximum Panel
thickness 10mm
B
B
A
A
C


Similar Part No. - 242-036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-036

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com