Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242-035 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 242-035
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-035 Datasheet(HTML) 4 Page - Tyco Electronics

  242-035 Datasheet HTML 1Page - Tyco Electronics 242-035 Datasheet HTML 2Page - Tyco Electronics 242-035 Datasheet HTML 3Page - Tyco Electronics 242-035 Datasheet HTML 4Page - Tyco Electronics 242-035 Datasheet HTML 5Page - Tyco Electronics 242-035 Datasheet HTML 6Page - Tyco Electronics 242-035 Datasheet HTML 7Page - Tyco Electronics 242-035 Datasheet HTML 8Page - Tyco Electronics 242-035 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
240 Series DIN Panel Meters
12
Frequency Meters
These Frequency meters use an integral electronic converter and a moving coil
indicator. This meter is easy to read with an accuracy Class 0.5.
Specification
Accuracy:
Class 0.5
Ratings:
100V-125V A.C
200V-250V A.C.
380V-440V A.C.*
500V A.C.*
*For voltages above 380V use 242-013 with a 253-THZ,
in place of 242-41S
Models available for use with V.T.s
Frequency 0.5%:
45/55Hz,
55/65Hz,
45/65Hz,
360/440Hz
Other scalings available on request
Burden:
4VA Maximum
Product Code
Bezel Size mm
48
48
72
72
96
96
144
144
Scale length mm
42
72
65
112
94
145
Product Code
242-41S 242-053
243-41S 243-053
244-41S 244-41L 246-41S 246-41L
+253-THZ +253-THZ
Dual Frequency Meters
Two instruments in one case can be used to measure a wide range of frequencies.
These dual instruments save both panel space and assemly time. The 244-41D is an
ideal component in sychronising applications.
Specification
Accuracy:
Class 0.5
Ratings:
100V-125V A.C
200V-250V A.C.
380V-440V A.C.
500V A.C.
Models available for use with V.T.s
Frequency 0.5%:
45/55Hz,
55/65Hz,
45/65Hz,
360/440Hz
Burden:
4VA Maximum
Product Code
Bezel Size mm
96
Scale length mm
65
Product Code
244-41D
Connections
Connections


Similar Part No. - 242-035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-035

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com