Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242-03A Datasheet(PDF) 9 Page - Tyco Electronics

Part # 242-03A
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-03A Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 242-03A Datasheet HTML 4Page - Tyco Electronics 242-03A Datasheet HTML 5Page - Tyco Electronics 242-03A Datasheet HTML 6Page - Tyco Electronics 242-03A Datasheet HTML 7Page - Tyco Electronics 242-03A Datasheet HTML 8Page - Tyco Electronics 242-03A Datasheet HTML 9Page - Tyco Electronics 242-03A Datasheet HTML 10Page - Tyco Electronics 242-03A Datasheet HTML 11Page - Tyco Electronics 242-03A Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Analogue Instruments
DIN Panel Meters
Page 1 of 2
Ref: DIN – Rev 1 – Sept 02
INSTALLATION INSTRUCTIONS
The product should be panel mounted using the mounting
hardware supplied. Consideration should be given to the
space behind the unit to allow for bends in the connecting
cables. The terminals on the meter rear should be
protected from liquids.
The unit must not be mounted where it can be subjected
to direct sunlight, and vibration should be kept to a
minimum. Connection wires must be sized to comply with
local regulations and must be terminated on tags suitable
for screw connection. The product has no internal fuse,
therefore; external fuses must be used for safety
protection under fault conditions.
SAFETY INSTALLATION FOR COMPLIANCE TO
SAFTEY STANDARDS
WARNING
During normal operation, voltages hazardous to life
may be present at some of the terminals of this unit.
Installation and servicing should be performed only
by qualified, properly trained personnel' abiding by
local regulations. Ensure all supplies are de-
energised before attempting connection or other
procedures.
Terminals should not be user accessible after
installation and external installation provisions must
be sufficient to prevent hazards under fault
conditions.
Never open circuit the secondary winding of an
energised current transformer.
SAFETY STANDARDS
This product complies with:
International standard: IEC1010-1
For UK: BS EN 61010-1 (IEC1010-1)
Fusing and connections
This unit must be fitted with external fuses in voltage
supply lines.
Voltage input lines must be fused with a
quick blow fuse 1A maximum. Choose fuses of a type
and with a breaking capacity appropriate to the supply
and in accordance with local regulations.
SAFETY SPECIFICATION
Permanently connected use.
Normal condition
Basic insulation
Installation category II
Pollution degree 2
This product is intended as part of a permanent
installation.
Low Voltage Directive BSEN 61010-1
For use in altitudes up to 2000m
Temperature 0-40 degree C Maximum relative humidity
80% for temperature up to 31º C decreasing linearly to
50% RH at 40ºC
Operating temperature to retained stated product
accuracy 0-40ºC
Electromagnetic Compatibility
This unit has been designed to provide protection against EM
(electro-magnetic) interference in line with requirements of
EU and other regulations. Precautions necessary to provide
proper operation of this and adjacent equipment will be
installation dependent and so the following can only be
general guidance:-
Avoid routing wiring to this unit alongside cables and
products that are, or could be, a source of interference.
The auxiliary supply to the unit should not be subject to
excessive interference. In some cases, a supply line
filter may be required.
To protect the product against incorrect operation or
permanent damage, surge transients must be controlled.
It is good EMC practice to suppress differential surges to
2kV or less at the source. The unit has been designed
to automatically recover from typical transients, however
in extreme circumstances it may be necessary to
temporarily disconnect the auxiliary supply for a period
of greater than 5 seconds to restore correct operation.
Screened communication and small signal leads are
recommended and may be required. These and other
connecting leads may require the fitting of RF
suppression components, such as ferrite absorbers, line
filters etc., if RF fields cause problems.
It is good practice to install sensitive electronic
instruments that are performing critical functions in EMC
enclosures that protect against electrical interference
causing a disturbance in function.


Similar Part No. - 242-03A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-03A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com