Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7526 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA7526
Description  Power Factor Correction Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7526 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA7526 Datasheet HTML 1Page - Fairchild Semiconductor KA7526 Datasheet HTML 2Page - Fairchild Semiconductor KA7526 Datasheet HTML 3Page - Fairchild Semiconductor KA7526 Datasheet HTML 4Page - Fairchild Semiconductor KA7526 Datasheet HTML 5Page - Fairchild Semiconductor KA7526 Datasheet HTML 6Page - Fairchild Semiconductor KA7526 Datasheet HTML 7Page - Fairchild Semiconductor KA7526 Datasheet HTML 8Page - Fairchild Semiconductor KA7526 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
KA7526
4
Absolute Maximum Ratings
Note :
Based in 8-DIP
Temperature Characteristics (-25oC
≤≤≤≤ Ta ≤≤≤≤ 125oC )
Parameter
Symbol
Value
Unit
Supply voltage
VCC
30
V
Peak drive output current
IOH, IOI
± 500
mA
Driver output clamping diodes
VO>VCC or VO<-0.3V
Iclamp
± 10
mA
Detector clamping diodes
Idet
± 3mA
Error amp, multiplier and
comparator input voltage
VIN
-0.3 to 6
V
Operating temperature range
Topr
-25 to 125
oC
Storage temperature range
Tstg
-65 to 150
oC
Power dissipation(Note)
Pd
0.8
W
Thermal resistance (Note)
(Junction-to-air)
qja
100
oC/W
Parameter
Symbol
Value
Unit
Temperature stability for reference voltage(Vref)
∆Vref (Typ)
20
mV
Temperature stability for multiplier gain(K)
∆K/∆T (Typ)
-0.2
%/oC


Similar Part No. - KA7526

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA7524 UTC-KA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7524BD FAIRCHILD-KA7524BD Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA75250 FAIRCHILD-KA75250 Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
48Kb / 8P
   Voltage Detector
More results

Similar Description - KA7526

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com