Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA7524B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KA7524B
Description  Power Factor Correction Controller
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KA7524B Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Internal self-starting
• Micro power start up mode
• Included under voltage lockout circuit
• Internal 1% reference
• High output current : Peak 500mA
Descripiton
The KA7524B provides the necessary features to implement
the Electronic BALLAST control and S.M.P.S application
for designing on active power factor correction circuit.
Internal Block Diagram
KA7524B
Power Factor Correction Controller
8-DIP
8-SOP
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn