Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA7515 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. KA7515
Description  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7515 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA7515 Datasheet HTML 1Page - Fairchild Semiconductor KA7515 Datasheet HTML 2Page - Fairchild Semiconductor KA7515 Datasheet HTML 3Page - Fairchild Semiconductor KA7515 Datasheet HTML 4Page - Fairchild Semiconductor KA7515 Datasheet HTML 5Page - Fairchild Semiconductor KA7515 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA7515
3
Electrical Characteristics (TA = 25
°°°°C) (Continued)
Correction Current
Positive Value
V8(P)
I8 = 1mA
0.7
0.75
0.8
V
Negative Value
V8(N)
I8 = -1mA
0.15
0.22
0.25
V
Threshold Value
V8(S)
-40
50
60
mV
Delay Time
tD
--
0.4
0.7
µs
Saturation Voltage (1)
VSAT1
I5 = -1.0A
-
2.5
3.0
V
Saturation Voltage (2)
VSAT2
I5 = 1.0A
-
2.5
3.0
V
Rising Edge
+dV5/dt
V1 = 3.5V
4.0
50
-
V/
µs
Falling Edge
-dV5/dt
V1 = 3.5V
50
75
-
V/
µs
Under VTG. Protection (1)
∆V6(UV)
V6MIN = V6a +
∆V6
0.3
0.5
1
V
Over VTG. Protection
V6(MAX)
-14
15
16
V
Under VTG. Protection (2)
V3(UV)
-
0.925
1
1.075
V
Overtemperature
TJ
-
150
175
200
°C
Protection
Voltage Pin 3
V3
I3 = 1mA
-
0.35
0.5
V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA3846 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
KA3882 SMPS CONTROLLER 1  2  3  4  5  Fairchild Semiconductor
ICE2A0565 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500B SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
ICE3A0365 Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500C SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
TL494 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3525A SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3842 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn