Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA7500B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KA7500B
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA7500B Datasheet HTML 1Page - Fairchild Semiconductor KA7500B Datasheet HTML 2Page - Fairchild Semiconductor KA7500B Datasheet HTML 3Page - Fairchild Semiconductor KA7500B Datasheet HTML 4Page - Fairchild Semiconductor KA7500B Datasheet HTML 5Page - Fairchild Semiconductor KA7500B Datasheet HTML 6Page - Fairchild Semiconductor KA7500B Datasheet HTML 7Page - Fairchild Semiconductor KA7500B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA7500B
2
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
42
V
Collector Supply Voltage
VC
42
V
Output Current
IO
250
mA
Amplifier Input Voltage
VIN
VCC +0.3
V
Power Dissipation (TA = 25
°C)
PD
1 (KA7500B)
0.9 (KA7500BD)
W
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn